Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS128TY Datasheet(PDF) 18 Page - RAMXEED LIMITED

Part # MB85RS128TY
Description  128K (16K X 8) Bit SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS128TY Datasheet(HTML) 18 Page - RAMXEED LIMITED

Back Button MB85RS128TY Datasheet HTML 14Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 15Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 16Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 17Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 18Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 19Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 20Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 21Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 22Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
MB85RS128TY(AEC-Q100 Compliant)
18
DS501-00048-7v0-E
NOTE ON USE
We recommend programming of the device after reflow. Data written before reflow cannot be guaranteed.
ESD AND LATCH-UP
REFLOW CONDITIONS AND FLOOR LIFE
[ JEDEC MSL ] : Moisture Sensitivity Level 3 (IPC/JEDEC J-STD-020E)
Current status on Contained Restricted Substances
This product complies with the regulations of REACH Regulations, EU RoHS Directive and China RoHS. 
Test
DUT
Value
ESD HBM (Human Body Model)
JESD22-A114 compliant
MB85RS128TYPNF-GS-BCE1
MB85RS128TYPNF-GS-BCERE1
|2000 V|
ESD CDM (Charged Device Model)
JESD22-C101 compliant
|1000 V|
Latch-Up (I-test)
JESD78 compliant
|125 mA|
Latch-Up (Vsupply overvoltage test)
JESD78 compliant
5.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com