Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS128TY Datasheet(PDF) 14 Page - RAMXEED LIMITED

Part # MB85RS128TY
Description  128K (16K X 8) Bit SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS128TY Datasheet(HTML) 14 Page - RAMXEED LIMITED

Back Button MB85RS128TY Datasheet HTML 10Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 11Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 12Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 13Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 14Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 15Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 16Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 17Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 18Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
MB85RS128TY(AEC-Q100 Compliant)
14
DS501-00048-7v0-E
2. AC Characteristics
AC Test Condition
Power supply voltage
: 1.8 V to 3.6 V Operation
Operation ambient temperature :  40 C to  125 C
Input voltage magnitude
: VDD  0.8  VIH  VDD
0  VIL  VDD  0.2
Input rising time
: 5 ns
Input falling time
: 5 ns
Input judge level
: VDD/2
Output judge level
: VDD/2
Parameter
Symbol
Value
Unit
Condition
VDD
Min
Max
SCK clock frequency
fCK
0
33
MHz
1.8V to 2.7V
0
40
2.7V to 3.6V
Clock high time
tCH
13
ns
1.8V to 2.7V
11
2.7V to 3.6V
Clock low time
tCL
13
ns
1.8V to 2.7V
11
2.7V to 3.6V
Chip select set up time
tCSU
10
ns
Chip select hold time
tCSH
10
ns
Output disable time
tOD
16
ns
Output data valid time
tODV
13
ns
1.8V to 2.7V
9
2.7V to 3.6V
Output hold time
tOH
0
ns
Deselect time
tD
40
ns
Data in rising time
tR
50
ns
Data falling time
tF
50
ns
Data set up time
tSU
5
ns
Data hold time
tH
5
ns
HOLD set uptime
tHS
10
ns
HOLD hold time
tHH
10
ns
HOLD output floating time
tHZ
20
ns
HOLD output active time
tLZ
20
ns
SLEEP recovery time
tREC
400
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com