Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP5569
Description  LP5569 Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5569 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 13Page - Texas Instruments LP5569 Datasheet HTML 14Page - Texas Instruments LP5569 Datasheet HTML 15Page - Texas Instruments LP5569 Datasheet HTML 16Page - Texas Instruments LP5569 Datasheet HTML 17Page - Texas Instruments LP5569 Datasheet HTML 18Page - Texas Instruments LP5569 Datasheet HTML 19Page - Texas Instruments LP5569 Datasheet HTML 20Page - Texas Instruments LP5569 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 93 page
background image
17
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3.1.2.4
EN/PWM Input Timeout
The EN/PWM input timeout feature has two operating modes as follows:
•
STANDBY state: EN/PWM low for > 15 ms shuts down the LP5569 device and returns to the DISABLED
state (see Figure 20).
8.3.2 Charge Pump
8.3.2.1 Overview
The LP5569 device includes a pre-regulated switched-capacitor charge pump with a programmable voltage
multiplication of 1× or 1.5×. In 1.5× mode, by combining the principles of a switched-capacitor charge pump and
a linear regulator, a regulated 4.5-V output is generated from the VIN input within its normal voltage range. A
two-phase non-overlapping clock, generated internally, controls the operation of the charge pump. During the
charge phase, both flying capacitors (CFLY1 and CFLY2) are charged from input voltage. In the pump phase that
follows, the flying capacitors are discharged to the output. A traditional switched-capacitor charge pump
operating in this manner uses switches with very low on-resistance, ideally 0 Ω, to generate an output voltage
that is 1.5× the input voltage. The LP5569 device regulates the output voltage by controlling the resistance of the
input-connected pass-transistor switches in the charge pump.
8.3.2.2 Pre-Regulation
The very low input-current ripple of the LP5569 device, resulting from internal pre-regulation, adds minimal noise
to the input line. The core of the LP5569 device is very similar to that of a basic switched-capacitor charge pump:
it is composed of switches and two flying capacitors (external). Regulation is achieved by controlling the current
through the switches connected to the VIN pin (one switch in each phase). The regulation occurs before the
voltage multiplication, giving rise to the term pre-regulation. It is pre-regulation that eliminates most of the input-
current ripple that is a typical and undesirable characteristic of a many switched-capacitor converters.
8.3.2.3 Input Current Limit
The LP5569 device contains current-limit circuitry that protects the device in the event of excessive input current
and/or output shorts to ground. The input current is limited to 600 mA (typical) when the output is shorted directly
to ground. When the LP5569 device is current limiting, power dissipation in the device is likely to be quite high. In
this event, thermal cycling should be expected.
8.3.2.4 Output Discharge
The LP5569 device provides a feature to discharge the charge-pump output capacitor. The charge-pump output
pulldown is not enabled when the MISC2 register (address 33h) CP_DIS_DISCH bit = 1. The charge pump
output pulldown is enabled when the CP_DIS_DISCH bit = 0. The pulldown draws a minimal current from the
output capacitor (300 μA typical) when in the SHUTDOWN and STANDBY states.
8.3.2.5 Controlling the Charge Pump
The charge pump is controlled with two CP_MODE bits in the MISC register (address 2Fh). When both of the
bits are low, the charge pump is disabled, and output voltage is pulled down as described in Output Discharge.
The charge pump can be forced to the bypass mode, so the battery voltage is connected directly to the current
source; in 1.5× mode the output voltage is boosted to 4.5 V. In automatic mode, the charge-pump operation
mode is determined by saturation of the constant-current drivers described in LED Forward Voltage Monitoring.
8.3.2.6 LED Forward Voltage Monitoring
When the charge-pump automatic-mode selection is enabled, voltages on the LED current sinks LED0 to LED8
are monitored. If the current sinks do not have enough headroom, the charge pump gain is set to 1.5× and
remains in 1.5× mode until one of the following occurs:
•
The LP5569 device enters the SHUTDOWN state and goes through the INITIALIZATION or STARTUP state.
•
The charge-pump mode is forced to 1× mode via the MISC register.
•
The LP5569 device exits power save when the charge pump is in automatic mode (CP_MODE bits = 3h).
A current-sink saturation monitor is selectable to one of four fixed voltage thresholds. The charge-pump gain is
set to 1× when the battery voltage is high enough to supply all LEDs. Note: forward-voltage monitoring is
disabled when the LEDx_CONTROL (addresses 07h–0Fh) register EXTERNAL_POWERx bit = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com