Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569 Datasheet(PDF) 50 Page - Texas Instruments

Part # LP5569
Description  LP5569 Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5569 Datasheet(HTML) 50 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 46Page - Texas Instruments LP5569 Datasheet HTML 47Page - Texas Instruments LP5569 Datasheet HTML 48Page - Texas Instruments LP5569 Datasheet HTML 49Page - Texas Instruments LP5569 Datasheet HTML 50Page - Texas Instruments LP5569 Datasheet HTML 51Page - Texas Instruments LP5569 Datasheet HTML 52Page - Texas Instruments LP5569 Datasheet HTML 53Page - Texas Instruments LP5569 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 93 page
background image
50
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 32. LED4_PWM Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
pwm4
R/W
0h
00h = 0% duty cycle (default)
,,,
80h = 50% duty cycle
...
FFh = 100% duty cycle
8.6.1.18 LED5_PWM Register (Address = 1Bh) [reset = 0h]
LED5_PWM is shown in Figure 44 and described in Table 33.
Return to Summary Table.
LED5 PWM Register
This is the PWM duty cycle control for the LED5 output.
Figure 44. LED5_PWM Register
7
6
5
4
3
2
1
0
pwm5
R/W-0h
Table 33. LED5_PWM Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
pwm5
R/W
0h
00h = 0% duty cycle (default)
...
80h = 50% duty cycle
...
FFh = 100% duty cycle
8.6.1.19 LED6_PWM Register (Address = 1Ch) [reset = 0h]
LED6_PWM is shown in Figure 45 and described in Table 34.
Return to Summary Table.
LED6 PWM Register
This is the PWM duty cycle control for the LED6 output.
Figure 45. LED6_PWM Register
7
6
5
4
3
2
1
0
pwm6
R/W-0h
Table 34. LED6_PWM Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
pwm6
R/W
0h
00h = 0% duty cycle (default)
...
80h = 50% duty cycle
...
FFh = 100% duty cycle
8.6.1.20 LED7_PWM Register (Address = 1Dh) [reset = 0h]
LED7_PWM is shown in Figure 46 and described in Table 35.
Return to Summary Table.
LED7 PWM Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com