Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP5569
Description  LP5569 Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5569 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 9Page - Texas Instruments LP5569 Datasheet HTML 10Page - Texas Instruments LP5569 Datasheet HTML 11Page - Texas Instruments LP5569 Datasheet HTML 12Page - Texas Instruments LP5569 Datasheet HTML 13Page - Texas Instruments LP5569 Datasheet HTML 14Page - Texas Instruments LP5569 Datasheet HTML 15Page - Texas Instruments LP5569 Datasheet HTML 16Page - Texas Instruments LP5569 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
Cycle Time
1/fPWM
LED0
LED3
LED6
LED1
LED4
LED7
LED2
LED5
LED8
Phase 1
Phase 2
Phase 3
Phase 1
Phase 2
Phase 3
0 mA
0 mA
0 mA
Copyright © 2016, Texas Instruments Incorporated
1LSB
256 (9-bit)
2048 (12-bit)
256 4/8 (9-bit)
2052 (12-bit)
257 (9-bit)
2056 (12-bit)
13
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Current Sinks
8.3.1.1 Overview
The LP5569 LED drivers are constant-current sources. Maximum output-current scale can be programmed by
control registers up to 25.5 mA. The overall maximum current is set by 8-bit output current-control registers with
100-μA step size. Each of the 9 LED drivers has a separate output-current control register. The LED luminance
pattern (dimming) is controlled with a PWM technique, which has 12-bit resolution during ramping and 8-bit user
control. The LED current-sink PWM frequency is 20 kHz.
High 20-kHz PWM frequency and 12-bit control accuracy are achieved by using 3-bit dithering for PWM control.
There is a 9-bit pure PWM resolution generated in the PWM generators, and one least-significant bit (1 LSB) is
toggled in eight periods to output a smaller average step. For 3-bit dithering, every eighth pulse is made 1 LSB
longer to increase the average value by 1 / 8th. Figure 12 shows an example of 9-bit PWM value, step of 4 / 8
(0.5) and its 12-bit representation.
Figure 12. Dithering
A phase-shift PWM scheme allows delaying the time when each LED driver is active. When the LED drivers are
not activated simultaneously, the peak load current from the charge-pump output is greatly decreased. This also
reduces input-current ripple and ceramic-capacitor audible ringing. LED drivers are grouped into three different
phases. In phase 1, the rising edge of the PWM pulse is fixed in time. In phase 2, the middle point of the PWM
pulse is fixed, and the pulse spreads to both directions when PWM duty cycle is increased. Phase 3 has a fixed
falling edge, that is, the rising edge of the pulse is changed when the duty cycle changes.
Figure 13. LED Phase Shift
LED dimming is controlled according to an exponential or linear scale (see Figure 14) In exponential mode, the
PWM output percent can be approximated by the following two equations:
•
Less than or equal to code 64: y = 0.0125x – 0.0066.
•
Greater than code 64: y = 0.7835e0.0217x
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com