Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569 Datasheet(PDF) 34 Page - Texas Instruments

Part # LP5569
Description  LP5569 Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5569 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 30Page - Texas Instruments LP5569 Datasheet HTML 31Page - Texas Instruments LP5569 Datasheet HTML 32Page - Texas Instruments LP5569 Datasheet HTML 33Page - Texas Instruments LP5569 Datasheet HTML 34Page - Texas Instruments LP5569 Datasheet HTML 35Page - Texas Instruments LP5569 Datasheet HTML 36Page - Texas Instruments LP5569 Datasheet HTML 37Page - Texas Instruments LP5569 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 93 page
background image
34
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
This opcode is used with numerical operands.
(2)
This opcode is used with variables.
(3)
X means don't care.
(4)
This is a new instruction, not available in LP5523 or LP55231.
Table 12. LP5569 Branch Instructions
INST.
Bit
[15]
Bit
[14]
Bit
[13]
Bit
[12]
Bit
[11]
Bit
[10]
Bit [9] Bit [8]
Bit
[7]
Bit [6] Bit [5] Bit [4] Bit [3] Bit [2] Bit [1] Bit [0]
rst
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
branch(1)
1
0
1
loop count
step number
branch(2)
1
0
0
0
0
1
1
step number
loop count
int
1
1
0
0
0
1
0
0
0
0
0
0
0
0
0
0
end
1
1
0
int
reset
0
0
0
0
0
0
0
0
0
0
0
trigger
1
1
1
wait for trigger
send a trigger
0
ext
trig
X(3)
X(3)
E3
E2
E1
ext
trig
X(3)
X(3)
E3
E2
E1
trig_clear
(4)
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
jne
1
0
0
0
1
0
0
Number of instructions to be skipped if
the operation returns true
variable 1
variable 2
jl
1
0
0
0
1
0
1
Number of instructions to be skipped if
the operation returns true
variable 1
variable 2
jge
1
0
0
0
1
1
0
Number of instructions to be skipped if
the operation returns true
variable 1
variable 2
je
1
0
0
0
1
1
1
Number of instructions to be skipped if
the operation returns true
variable 1
variable 2
(1)
Valid for numerical operands.
(2)
Valid for variables.
NAME
VALUE (d)
DESCRIPTION
loop count(1)
0–63
The number of loops to be done. 0 means an infinite loop.
step number
0–127
The step number to be loaded to program counter.
loop count(2)
0–3
Selects the variable for loop count value. Loop count is loaded with the value of the variable
defined below.
0 = Local variable A
1 = Local variable B
2 = Global variable C
3 = Global variable D
8.5.2.6.2
INT
Send an interrupt to the processor by pulling the INT pin down and setting the corresponding status bit high.
Interrupts can be cleared by reading the interrupt bits in the ENGINE_STATUS register at address 3Ch.
8.5.2.6.3
RST
The rst instruction resets the program counter register (address 30h, 31h, or 32h) and continues executing the
program from the program the start address defined in register addresses 4Bh–4Dh. The instruction takes 16
32
‑kHz clock cycles. Note that default value for all program memory registers is 0000h, which is the rst
instruction.
8.5.2.6.4
END
End program execution. The instruction takes 16 32-kHz clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com