Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569 Datasheet(PDF) 21 Page - Texas Instruments

Part # LP5569
Description  LP5569 Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5569 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 17Page - Texas Instruments LP5569 Datasheet HTML 18Page - Texas Instruments LP5569 Datasheet HTML 19Page - Texas Instruments LP5569 Datasheet HTML 20Page - Texas Instruments LP5569 Datasheet HTML 21Page - Texas Instruments LP5569 Datasheet HTML 22Page - Texas Instruments LP5569 Datasheet HTML 23Page - Texas Instruments LP5569 Datasheet HTML 24Page - Texas Instruments LP5569 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
21
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Modes Of Operation
CP_LED_STARTUP: LED drivers are enabled. The device enters NORMAL after 300 µs (typical).
CP_ON:
Charge pump is enabled per CP_MODE bits, and charge-pump output voltage is within regulation
after 300 µs (typical).
CP_WAKEUP After the power-save condition is no longer met, the device enters the CP_WAKEUP state. The
device enters CP_LED_STARTUP after 100 µs (typical).
DISABLED: The device enters this state when logic receives POR or the EN/PWM pin is low for longer than 15
ms (typical). The internal logic is disabled in this state to minimize power consumption. The mode
changes to INITIALIZATION when a rising edge has been detected in the EN/PWM pin and TSD is
inactive.
INITIALIZATION: This state duration is 2 ms (typical). The device enters the OTP_READ–SRAM_INIT state if
VVIN is above the VUVLO level, and the temperature is below TSD. If VVIN is below VUVLO or TSD is
active, the device remains in INITIALIZATION unless EN/PWM is low for 15 ms (typical), then the
device enters the DISABLED mode.
INTERNAL POWER SHUTDOWN: In INTERNAL POWER SHUTDOWN mode, the internal LDO is shutdown.
NORMAL:
After startup has been completed the device enters the NORMAL mode. Users can drive LEDs and
execute programs in this mode.
OTP_READ - SRAM_INIT: The OTP_READ mode is followed by SRAM_INIT, which initializes SRAM. When
initialization is complete, the device enters the STANDBY state. If VIN is below VUVLO while in this
state, the device returns to INITIALIZATION.
POWER SAVE: In POWER SAVE mode, analog blocks are disabled to minimize power consumption. After the
power-save condition is no longer met, the device exits the POWER SAVE mode. See Automatic
Power-Save Mode section for further information.
SHUTDOWN: During shutdown, the charge-pump and LED drivers are disabled. The device enters the
shutdown state if disabled (chip_en = 0) or if a TSD fault is active. The device enters STANDBY
after 1 ms (typical).
STANDBY: The STANDBY mode is a low-power-consumption mode and is entered if the register bit chip_en is
zero and Reset is not active. Register and SRAM access is available via I2C.
START-UP: During a fault condition, device operation is halted, and the device waits in STARTUP mode until no
faults are present. UVLO detection returns the device to STARTUP from all states with the
exception of STANDBY, INITIALIZATION, and OTP_READ - SRAM_INIT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com