Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP5569
Description  LP5569 Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5569 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 3Page - Texas Instruments LP5569 Datasheet HTML 4Page - Texas Instruments LP5569 Datasheet HTML 5Page - Texas Instruments LP5569 Datasheet HTML 6Page - Texas Instruments LP5569 Datasheet HTML 7Page - Texas Instruments LP5569 Datasheet HTML 8Page - Texas Instruments LP5569 Datasheet HTML 9Page - Texas Instruments LP5569 Datasheet HTML 10Page - Texas Instruments LP5569 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 93 page
background image
7
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Output-current accuracy is the difference between the actual value of the output current and the programmed value of this current.
Matching is the maximum difference from the average. For the constant-current outputs on the device (LED0 to LED8), the following are
determined: the maximum output current (MAX), the minimum output current (MIN), and the average output current of all outputs (AVG).
The matching number is calculated: (MAX – MIN) / AVG. The typical specification provided is the most likely norm of the matching figure
for all devices. Note that some manufacturers have different definitions in use.
(2)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the value measured at 1 V.
7.7 LED Current Sinks Electrical Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILEAKAGE
Leakage current (LED0 to LED8)
PWM = 0%, VLED = 5 V
1
µA
IMAX
Maximum sink current
24.5
25.5
26.5
mA
ILED_ACC
Sink current accuracy(1)
Current set to 17.5 mA. PWM =
100%
–4.5%
4.5%
ILED_MATCH
Matching(1)
Current set to 17.5 mA
1%
2.5%
ƒLED
LED switching frequency
19.5
kHz
VSAT
Saturation voltage(2)
Output current set to 25.5 mA
90
110
mV
7.8 Logic Interface Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUT (EN/PWM, SCL, ADDR)
VIL
Input low level
0.4
V
VIH
Input high level
1.25
V
Ilkg
Input leakage current
VI ≤ VVIN
–1
1
µA
LOGIC OUTPUT (SDA, GPIO/TRIG/INT, CLK)
VIL
Input low level
Pin configured as input
0.4
V
VIH
Input high level
Pin configured as input
1.25
V
Ilkg
Input leakage current
Pin configured as input, VVIN
= 5.5 V, VI ≤ VVIN
–1
1
µA
VOL
Output low level
IPULLUP = 3 mA
0.2
0.5
V
IL
Output leakage current
Pin configured as output, Hi-
Z state
1
µA
7.9 Timing Requirements (EN/PWM)
MIN
TYP
MAX
UNIT
tEN
Enable time, EN/PWM first rising edge until first I2C access
2
3
ms
tEN_TIMEOUT
EN timeout, EN/PWM = low time while in standby mode (enable
function)
15
ms
tPWM_TIMEOUT
PWM timeout, EN/PWM = low time while in normal mode (PWM
function)
15
ms
PWMres
Resolution for EN/PWM input when configured as PWM, fPWM
=10 kHz
10
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com