Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RC1MTY Datasheet(PDF) 5 Page - RAMXEED LIMITED

Part # MS85RC1MTY
Description  1M (128 K  8) Bit I2C
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RC1MTY Datasheet(HTML) 5 Page - RAMXEED LIMITED

  MS85RC1MTY Datasheet HTML 1Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 2Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 3Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 4Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 5Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 6Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 7Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 8Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
MS85RC1MTY(AEC-Q100 Compliant)
DS501-00095-0v1-E
5
DEVICE ADDRESS WORD (Slave address)
Following the start condition, the master inputs the 8 bits device address word to start I2C communication.
The device address word (8 bits) consists of a device Type code (4 bits), device address code (2 bits),
MSB(1bit) and a read/write code (1 bit).
• Device Type Code (4 bits)
The upper 4 bits of the device address word are a device type code that identifies the device type, and are
fixed at “1010” for the MS85RC1MTY.
• Device Address Code (2 bits)
Following the device type code, the 2 bits of the device address code are input in order of A2 and A1.
The device address code identifies one device from up to four devices connected to the bus.
Each MS85RC1MTY is given a unique 2 bits code on the device address pin (external hardware pin A2
and A1). The slave only responds if the received device address code is equal to this unique 3 bits code.
• The most significant address(1 bit)
The seventh bit of device address word is A16(1 bit) that is the most significant address.
• Read/Write Code (1 bit)
The 8th bit of the device address word is the R/W (read/write) code. When the R/W code is “0”, a write
operation is enabled, and the R/W code is “1”, a read operation is enabled for the MS85RC1MTY.
It turns to a stand-by state if the device code is not “1010” or device address code does not equal to pin A2,
A1 and A0.
Device Address Word
..
..
Start
1
2
34567891
2
SCL
SDA
ACK
A
S
S
10
1
0
A2
A1
A16 R/W
A
Access from master
Access from slave
Devide Code
Start Condition
ACK(SDA is the “L” level)
Devide Address Code
Read/Write Code
The most significant address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com