Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RC1MTY Datasheet(PDF) 9 Page - RAMXEED LIMITED

Part # MS85RC1MTY
Description  1M (128 K  8) Bit I2C
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RC1MTY Datasheet(HTML) 9 Page - RAMXEED LIMITED

Back Button MS85RC1MTY Datasheet HTML 5Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 6Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 7Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 8Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 9Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 10Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 11Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 12Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 13Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
MS85RC1MTY(AEC-Q100 Compliant)
DS501-00095-0v1-E
9
• Sequential Read
Data can be received continuously following the Device address word (R/W “1” input) after specifying the
address in the same way as for Random Read. If the read reaches the end of address, the internal read
address automatically rolls over to first memory address (0 0000H) and keeps reading.
• High Speed Mode
MS85RC1MTY supports High Speed mode up to 3.4 MHz. By sending an entry command (0000 1XXX) after
start condition from the master side, it informs to the slave that the data transmission with High Speed mode
will start.
Since there is no slave side which is allowed to respond to this entry command, NACK response continues
from the slave side. After the master side recognizes this NACK response, the master side changes its state
to High Speed mode and enables the bidirectional communication up to 3.4 MHz.
By sending Stop condition, it exits out of the state in High Speed communication.
A
P
N
AA
A
N P
Read
Data 8bits
Read
Data 8bits
Read
Data
...
...
Access from master
Access from slave
Stop Condition
ACK(SDA is the “L” level)
NACK(SDA is the “H” level)
A
S
P
N
S
A2 A1
A
N P
Read
Data 8bits
1
1
010
S1 X
N
X
0
000
X
AA
A
N P
Read
Data 8bits
Read
Data 8bits
Read
Data
...
...
S
A2 A1
A
A
A
A P
Address
High 8bits
Address
Low 8bits
Write
Data 8bits
0
10 1 0
S1 X
N
X
0
000
X
S
A2 A1
A
A
A
A
A P
Address
High 8bits
Address
Low 8bits
Write
Data 8bits
Write
Data
0
...
10 1 0
S1 X
N
X
0 000
X
S
A2 A1
A
A
A
P
Address
High 8bits
Address
Low 8bits
0
1
010
S
A2 A1
A
1
10 1 0
Read
Data 8bits
N
S1 X
N
X
0
000
X
S
A2 A1
A
A
A
Address
High 8bits
Address
Low 8bits
0
1
010
S
A2 A1
A
1
10 1 0
Read
Data 8bits
A
S1 X
N
X
0
000
X
...
A
N
A16
A16
A16
A16
A16
A16
A16
Access from slave
Start Condition
Stop Condition
ACK(SDA is the “L” level)
NACK(SDA is the “H” level)
Byte Write @High Speed Mode
Page Write @High Speed Mode
Current Address Read @High Speed Mode
Random Address Read @High Speed Mode
Sequential Read @High Speed Mode
High Speed Mode
Standard Mode
Fast Mode
Fast Mode Plus
Access from master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com