Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RC1MTY Datasheet(PDF) 14 Page - RAMXEED LIMITED

Part # MS85RC1MTY
Description  1M (128 K  8) Bit I2C
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RC1MTY Datasheet(HTML) 14 Page - RAMXEED LIMITED

Back Button MS85RC1MTY Datasheet HTML 10Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 11Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 12Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 13Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 14Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 15Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 16Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 17Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 18Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
MS85RC1MTY(AEC-Q100 Compliant)
14
DS501-00095-0v1-E
ELECTRICAL CHARACTERISTICS
1. DC Characteristics
(within recommended operating conditions)
*1: Applicable pin: SCL,SDA
*2: Applicable pin: SDA
Parameter
Symbol
Condition
Value
Unit
Min
Typ
(TA=25 C)
Max
Input leakage current*1
|ILI|
VIN  0 V to VDD
1
A
Output leakage current*2
|ILO|
VOUT  0 V to VDD
1
A
Operating power supply
current
IDD
SCL  0.1 MHz
mA
SCL  1 MHz
0.09
0.25
mA
SCL  3.4 MHz
0.24
0.4
mA
Standby current
ISB
SCL, SDA  VDD
A1, A2, WP  0 V
or Open
Under Stop Condition
12
150
A
Sleep current
IZZ
SCL, SDA  VDD
A1, A2, WP  0 V
0.3
16
A
“H” level input voltage
VIH
VDD  1.8 V to 3.6 V
VDD  0.8
VDD +0.5
V
“L” level input voltage
VIL
VDD  1.8 V to 3.6 V
-0.5
VDD  0.2
V
“L” level output voltage
VOL
IOL  3 mA
0.4
V
Input resistance for
WP, A1 and A2 pins
RIN
11
33
125
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com