Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RC1MTY Datasheet(PDF) 8 Page - RAMXEED LIMITED

Part # MS85RC1MTY
Description  1M (128 K  8) Bit I2C
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RC1MTY Datasheet(HTML) 8 Page - RAMXEED LIMITED

Back Button MS85RC1MTY Datasheet HTML 4Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 5Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 6Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 7Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 8Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 9Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 10Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 11Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 12Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
MS85RC1MTY(AEC-Q100 Compliant)
8
DS501-00095-0v1-E
• Current Address Read
When the previous write or read operation finishes successfully up to the stop condition, the memory address
accessed last time is remain in memory address buffer(17bits). As it is, then send the command without
turning off the power, the memory address "n", total 17 bits consist of the 1 bit of the top memory address
from the Device Address Word input and lower 16 bits of memory address buffer, is read from the address
"n+1". If the memory address “n” is last address, the address counter will roll over to (0000H). The current
address in memory address buffer is undefined immediately after the power is turned on.
• Random Read
The one byte of data from the memory address saved in the memory address buffer can be read out
synchronously to SCL by specifying the address in the same way as for a write, and then issuing another
start condition and sending the Device Address Word (R/W “1” input). The top address input at second time
need to same value as top address inputed first time. If input the different value at first time and second time,
the second value is reflected as the address to access. The final NACK (SDA is the “H” level) is issued by
the receiver that receives the data. In this case, this bit is issued by the master side.
A
S
P
N
S
A2 A1
A
N P
Read
Data 8bits
1
1
010
A16
Access from master
Access from slave
Start Condition
ACK(SDA is the “L” level)
Stop Condition
NACK(SDA is the “H” level)
Address n+1
A
S
P
N
S
A2 A1
A
A
A
P
Address
High 8bits
Address
Low 8bits
0
1 010
S
A2 A1
A
1
1 010
Read
Data 8bits
N
A16
A16
Access from master
Access from slave
Start Condition
ACK(SDA is the “L” level)
Stop Condition
NACK(SDA is the “H” level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com