Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RC1MTY Datasheet(PDF) 1 Page - RAMXEED LIMITED

Part # MS85RC1MTY
Description  1M (128 K  8) Bit I2C
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RC1MTY Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MS85RC1MTY Datasheet HTML 1Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 2Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 3Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 4Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 5Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 6Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 7Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 8Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Copyright 2024 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's
part number unchanged.
Memory FeRAM
1M (128 K  8) Bit I2C
MS85RC1MTY(AEC-Q100 Compliant)
DESCRIPTION
The MS85RC1MTY is an FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 131,072
words  8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
Unlike SRAM, the MS85RC1MTY is able to retain data without using a data backup battery.
The read/write endurance of the nonvolatile memory cells used for the MS85RC1MTY has improved to be
at least 1013 cycles, significantly outperforming other nonvolatile memory products in the number.
The MS85RC1MTY does not need a polling sequence after writing to the memory such as the case of Flash
memory or E2PROM.
FEATURES
• Bit configuration
: 131,072 words  8 bits
• Two-wire serial interface
: Fully controllable by two ports: serial clock (SCL) and serial data (SDA).
• Operating frequency
: 3.4 MHz (Max @HIGH SPEED MODE)
1 MHz (Max @FAST MODE PLUS)
• Read/write endurance
: 1013 times (  125 C)
• Data retention
: 70.4 years (  85 C),
19.1 years (  105 C),
5.9 years (  125 C)
• Operating power supply voltage: 1.8 V to 3.6 V
• Low-power consumption
: Operating power supply current 0.24mA (Typ @3.4 MHz)
0.4 mA (Max @3.4 MHz)
Standby current 12μA (Typ), 150μA (Max)
Sleep current
0.3μA (Typ), 16μA (Max)
• Operation ambient temperature range
:  40 C to  125 C
• Package
: 8-pin plastic SOP (150mil)
8-pin plastic DFN (5mm  6mm)
RoHS compliant
DS501-00095-0v1-E


Similar Part No. - MS85RC1MTY

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MS85R4M1TA RAMXEED-MS85R4M1TA Datasheet
960Kb / 25P
4 M (512 K × 8) Bit
MS85R4M1TAFN-G-JAE2 RAMXEED-MS85R4M1TAFN-G-JAE2 Datasheet
960Kb / 25P
4 M (512 K × 8) Bit
MS85R4M2TA RAMXEED-MS85R4M2TA Datasheet
985Kb / 26P
4 M (256 K × 16) Bit
MS85R4M2TAFN-G-JAE2 RAMXEED-MS85R4M2TAFN-G-JAE2 Datasheet
985Kb / 26P
4 M (256 K × 16) Bit
MS85RS1MTY RAMXEED-MS85RS1MTY Datasheet
2Mb / 43P
1M (128K X 8) Bit SPI
More results

Similar Description - MS85RC1MTY

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RC128 FUJITSU-MB85RC128 Datasheet
142Kb / 20P
Memory FRAM 128 K (16 K x 8) Bit I2C
MB85RS1MT FUJITSU-MB85RS1MT Datasheet
510Kb / 36P
1M (128 K 횞 8) ?볝긿?늆PI
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
16 K (2 K 횞 8) Bit I2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
64 K (8 K 횞 8) Bit I2C
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
64 K (8 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
256 K (32 K 횞 8) Bit I2C
MB85RS1MTPH-G FUJITSU-MB85RS1MTPH-G Datasheet
426Kb / 28P
1M (128 K 횞 8) Bit SPI
MB85RS1MTPNF-G FUJITSU-MB85RS1MTPNF-G Datasheet
426Kb / 28P
1M (128 K 횞 8) Bit SPI
MB85RS1MTPW-G FUJITSU-MB85RS1MTPW-G Datasheet
426Kb / 28P
1M (128 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com