Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RC1MTY Datasheet(PDF) 22 Page - RAMXEED LIMITED

Part # MS85RC1MTY
Description  1M (128 K  8) Bit I2C
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RC1MTY Datasheet(HTML) 22 Page - RAMXEED LIMITED

Back Button MS85RC1MTY Datasheet HTML 18Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 19Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 20Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 21Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 22Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 23Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 24Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 25Page - RAMXEED LIMITED MS85RC1MTY Datasheet HTML 26Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
MS85RC1MTY(AEC-Q100 Compliant)
22
DS501-00095-0v1-E
MARKING (Example)
(1) MS85RC1MTYPNF-GS-BDE1/MS85RC1MTYPNF-GS-BDERE1
(2) MS85RC1MTYPN-GS-AWE1/MS85RC1MTYPN-GS-AWEWE1
[MS85RC1MTYPNF-GS-BDE1]
[MS85RC1MTYPNF-GS-BDERE1]
C1MTY: Product name
A2300 : A(CS code) + 2300(Year and Week code)
701 : Trace code
C1MTY
A2300
701
[MS85RC1MTYPN-GS-AWE1]
[MS85RC1MTYPN-GS-AWEWE1]
MS85RC1MTY: Product name
AE1 : A(CS code) + E1(Lead free code)
2300R00:2300(Year and Week code) + R00(Trace code)
MS85RC1MTY
AE1 2300R00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com