Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS25LE128E-RJLE:P-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
2
Rev.A9
03/07/2023
FEATURES
• Industry Standard Serial Interface
- IS25LE256E: 256Mbit/32Mbyte
- IS25LE128E: 128Mbit/16Mbyte
- IS25WE256E: 256Mbit/32Mbyte
- IS25WE128E: 128Mbit/16Mbyte
- 3 or 4 Byte Addressing Mode
- Supports Standard SPI, Fast, Dual, Dual
I/O, Quad, Quad I/O, SPI DTR, Dual I/O
DTR, Quad I/O DTR, and QPI
- Software & Hardware Reset
- Supports Serial Flash Discoverable
Parameters (SFDP)
• High Performance Serial Flash (SPI)
- 50MHz Normal Read
- Up to166Mhz Fast Read (3)
- Up to 80MHz DTR (Dual Transfer Rate)
- Equivalent Throughput of 664 Mb/s
- Selectable Dummy Cycles
- Configurable Drive Strength
- Supports SPI Modes 0 and 3
- More than 100,000 Erase/Program Cycles
- More than 20-year Data Retention
- 1-bit ERROR Detection and Correction
per 64-bit boundary (with ECC)
• Flexible & Efficient Memory Architecture
- Chip Erase with Uniform Sector/Block
Erase (4/32/64KB or 4/32/256 KB)(2)
- Program 1 to 256 or 512 Byte per Page(2)
- Program/Erase Suspend & Resume
• Efficient Read and Program modes
- Low Instruction Overhead Operations
- Continuous Read 8/16/32/64 Byte
Burst Wrap
- Selectable Burst Length
- AutoBoot Operation
- Data Learning Pattern for training in DTR
operation
• Low Power with Wide Temp. Ranges
- Single Voltage Supply
IS25LE: 2.30V to 3.60V
IS25WE: 1.70V to 1.95V
- 8 mA Active Read Current
- 10 µA Standby Current
- 1 µA Deep Power Down
- Temp Grades:
Extended: -40°C to +105°C
Auto Grade (A3): -40°C to +125°C
• Advanced Security Protection
- Software and Hardware Write Protection
- Advanced Sector/Block Protection
- Top/Bottom Block Protection
- Power Supply Lock Protection
- 4x256 Byte Dedicated Security Area
with OTP User-lockable Bits
- 128 bit Unique ID for Each Device
(Call Factory)
• Industry Standard Pin-out & Packages(1)
- M =16-pin SOIC 300mil
- L = 8-contact WSON 8x6mm
- G = 24-ball TFBGA 6x8mm (4x6 ball array)
- H = 24-ball TFBGA 6x8mm (5x5 ball array)
- W = KGD (Call Factory)
- Green Package (RoHS Compliant,
Halogen-Free) and TSCA Compliant
Notes:
1. Call Factory for other package options available.
2. For optional 512 Byte Page size with 256 KB
Block size, see the Ordering Information.
3. Up to 166MHz for 1.8V, and up to 133MHz for 3.0V.
256/128Mb
SERIAL FLASH MEMORY 133MHZ/166MHZ MULTI I/O SPI &
QUAD I/O QPI DTR INTERFACE WITH ON CHIP ECC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com