Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 53 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 53 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 57Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
53
Rev.A9
03/07/2023
8.2 COMMAND SET SUMMARY
Extended Addressing
To accommodate addressing above 128Mb (24-bit) for read, erase, write and program operations, there are three
options:
1. New 4-byte (32-bit) address instructions.
New 4-byte instructions are valid in both 4-byte addressing mode and 3-byte addressing mode. See Table 8.2.
2. 4-byte addressing mode with legacy 3-byte address instructions.
There are 2 ways to enter into 4-byte addressing mode.
- The device can be set to 4-byte addressing mode by setting EXTADD bit = “1” in the Bank Address Register
(BAR[7])
- If EXTADD bit is set to “0” (3-byte addressing mode), also the device can be switched to 4-byte addressing
mode by issuing Enter 4-byte Address Mode Command See Table 8.3.
- BA24 bit is ignored in 4-byte addressing mode
3. 3-byte addressing mode with the 3-byte address instructions:
The device can be set to 3-
byte addressing mode by setting EXTADD bit = “0” in the Bank Address Register
(BAR[7])
• BA24 selects individual bank (128Mb) in 3-byte addressing mode.
• 3-byte address selects an address within the bank (128Mb)
• The host system writes the Bank Address Register to access beyond the first 128Mbit of memory.
• Bank Address Register bits are volatile.
o On power up, the default is Bank0 (the lowest address 16 Mbytes).
• For Read, the device will continuously transfer out data until the end of the array.
o There is no bank to bank delay.
o The Bank Address Register is not updated.
o The Bank Address Register value is used only for the initial address of an access.
Table 8.1 Bank Address Map
Bank Address Register Bit 0
Bank
Memory Array Address Range
0
0
00000000h
00FFFFFFh
1
1
01000000h
01FFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com