Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 44 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 44 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 48Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
44
Rev.A9
03/07/2023
Figure 7.1 Advanced
Sector/Block Protection
DYB 0
DYB 1
DYB 2
DYB 3
Sector/Block 0
Sector/Block 1
Sector/Block 2
Sector/Block 3
PPB 0
PPB 1
PPB 2
PPB 3
DYB N-3
DYB N-2
DYB N-1
DYB N
Sector/Block N-3
Sector/Block N-2
Sector/Block N-1
Sector/Block N
PPB N-3
PPB N-2
PPB N-1
PPB N
0 = Locked
64-bit Password
(OTP)
Password Protection
Mode (ASPR[2]=0
Persistent Protection
Mode (ASPR[1]=0
ASP Register Bits (OTP)
PPB
Memory Array
DYB
1. 0 = Sector/Block Protected
1 = Sector/Block Unprotected (default)
2.
DYBs are volatile and defaults to “1”
after power-up
1. 0 = Sector/Block Protected
1 = Sector/Block Unprotected
2. PPB bits are programmed individually,
but erased collectively
1.
The bit defaults to “1” (Persistent Protection mode)
or “0” (Password Protection mode) upon reset.
2.
“0” locks all PPB bits to their current state.
3. Password Protection mode requires a password to
set PPB Lock bit to “1” to enable program or
erase of PPB bits.
4. Persistent Protection mode only allows PPB Lock
bit to be cleared to “0” to prevent program or erase
PPB bits. Power off or hardware reset is required to
set PPB Lock bit to “1”.
1 = Unocked
PPB Lock Bit
(Volatile)
Notes:
1. 256M (64KB Block): N = 541 = 32 (32xTop 4KB sectors or 32xBottom 4KB sectors) + 510 (510x64KB blocks) - 1
2. 128M (64KB Block): N = 285 = 32 (32xTop 4KB sectors or 32xBottom 4KB sectors) + 254 (254x64KB blocks) - 1
3. 256M (256KB Block): N = 127 = 0 + 128 (128x256KB blocks) - 1
4. 128M (256KB Block): N = 63 = 0 + 64 (64x256KB blocks) - 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com