Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 37 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 37 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 41Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
37
Rev.A9
03/07/2023
6.6 ADVANCED SECTOR/BLOCK PROTECTION (ASP) RELATED REGISTER
6.6.1 ADVANCED SECTOR/BLOCK PROTECTION REGISTER (ASPR)
Related Commands: Read ASP (RDASP 2Bh) and Program ASP (PGASP 2Fh).
Advanced Sector/Block Protection (ASP) Register Bit (16 bits) definitions are described in Tables 6.19 and 6.20.
Table 6.19 Advanced Sector/Block Protection Register (ASPR) Bit Table
15
14 to 7
6
5
4
3
2
1
0
TBPARM(1)
Reserve
d
Reserve
d
Reserve
d
Reserve
d
Reserve
d
PWDMLB
PSTMLB
Reserve
d
Default
1
1
1
1
1
1
1
1
1
Table 6.20 Advanced Sector/Block Protection Register (ASPR) Bit Definition
Bit
Name
Definition
Read-
/Write
Type
0
Reserved
Reserved
R
Reserved
1
PSTMLB
Persistent Protection Mode Lock Bit
“0” = Persistent Protection Mode permanently enabled.
“1” = Persistent Protection Mode not permanently enabled.
R/W
OTP
2
PWDMLB
Password Protection Mode Lock Bit
“0” = Password Protection Mode permanently enabled.
“1” = Password Protection Mode not permanently enabled.
R/W
OTP
14:3
Reserved
Reserved
R
Reserved
15
TBPARM(1)
Configures Parameter Sectors location
“0” = 4KB physical sectors at top, (high address)
“1” = 4KB physical sectors at bottom (Low address)
R/W
OTP(1)
Note:
1.
TBPARM bit is Reserved for optional block size of 256KB device
The Advanced Sector/Block Protection Register (ASPR) is used to permanently configure the behavior of Advanced
Sector/Block Protection (ASP) features and parameter sectors location.
PWDMLB (ASPR[2]) and PSTMLB (ASPR[1]) bits: When shipped from the factory, all devices default ASP to the
Persistent Protection Mode, with all sectors unprotected, when power is applied. The device programmer or host
system must then choose which sector/block protection method to use. Programming either of the Protection Mode
Lock Bits locks the part permanently in the selected mode:
• ASPR[2:1] = 11 = No ASP mode selected, Persistent Protection Mode is the default.
• ASPR[2:1] = 10 = Persistent Protection Mode permanently selected.
• ASPR[2:1] = 01 = Password Protection Mode permanently selected.
• ASPR[2:1] = 00 = Illegal condition, attempting to program both bits to zero results in a programming failure
and the program operation will abort. It will result in a programming error with P_ERR set to 1.
As a result, PWDMLB and PSTMLB are mutually exclusive, only one may be programmed to zero.
ASPR programming rules:
• If the Password Protection Mode is chosen, the password must be programmed prior to setting the
corresponding bit.
• Once the Protection Mode is selected, the ASPR[2:1] bits are permanently protected from programming and no
further change to the ASPR[2:1] is allowed. Attempting to program ASPR[2:1] after selected will result in a
programming error with P_ERR set to 1. The programming time of the ASPR is the same as the typical page
programming time. The system can determine the status of the ASPR programming operation by reading the
WIP bit in the Status Register.
• TBPARM bit can be programmed even after ASPR[2:1] bits are programmed while the FREEZE bit in the PPB
Lock Register is “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com