Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 41 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 41 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 45Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
41
Rev.A9
03/07/2023
6.7 ECC REGISTER
Related Commands: Read ECC Register (RDECC B3h), Write ECC Register (WRECC B5h), Clear ECC Register
(CLECC, B6h).
Table 6.27 ECC Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
IPA_ECCB
ECCCOUNTER
ECCEVENT
ECCONOFF
Default
0
0
0
0
0
0
0
0
Table 6.28 ECC Register Bit Definition
Bit
Name
Definition
Read-
/Write
Type
0
ECCONOFF
ECC ON/OFF bit:
"0" indicates ECC is ON (default)
"1" indicates ECC is OFF
R/W
Volatile
1
ECCEVENT
ECC Event bit:
"0" indicates NO ECC correction event (default)
"1" indicates YES ECC correction event
R
Volatile
5:2
ECCCOUNTER
Store cumulative ECC correction occurrence.
Max. 15 ECC correction occurrence can be stored, and stays 15
after further occurrence.
“0000” is the default value.
R
Volatile
6
IPA_ECCB
Incremental Programming Attempt within ECC boundary bit:
“0” indicates NO IPA within ECC Boundary (default)
“1” indicates YES IPA with ECC Boundary.
Incremental Programming within ECC boundary is not allowed, and
automatically ignored when ECC is ON.
R
Volatile
7
Reserved
Reserved
R
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com