Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 32 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 32 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 36Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
32
Rev.A9
03/07/2023
1.8V Device (IS25WE)
P[6:3]
Dummy
Cycles2,3
Fast Read5
0Bh/0Ch
Fast Read
Dual
Output
3Bh/3Ch
Fast Read
Dual IO
BBh/BCh
Fast Read
Quad
Output
6Bh/6Ch
Fast Read
Quad IO
EBh/ECh
FRDTR
0Dh/0Eh
FRDDTR
BDh/BEh
FRQDTR
EDh/EEh
SPI
QPI
SPI
SPI
SPI
SPI, QPI
SPI/QPI
SPI4
SPI, QPI
0
Default1
166MHz
81MHz
166MHz
98MHz
138MHz
81MHz
80/58MHz
60MHz
58MHz
1
1
98MHz
23MHz
75MHz
46MHz
63MHz
23MHz
46/10MHz
23MHz
10MHz
2
2
110MHz
34MHz
84MHz
75MHz
75MHz
34MHz
58/15MHz
40MHz
15MHz
3
3
122MHz
46MHz
98MHz
87MHz
87MHz
46MHz
69/20MHz
50MHz
20MHz
4
4
133MHz
58MHz
122MHz
98MHz
98MHz
58MHz
75/30MHz
60MHz
30MHz
5
5
145MHz
69MHz
133MHz
110MHz
110MHz
69MHz
80/40MHz
70MHz
40MHz
6
6
156MHz
81MHz
145MHz
122MHz
122MHz
81MHz
80/58MHz
75MHz
58MHz
7
7
166MHz
93MHz
156MHz
133MHz
133MHz
93MHz
80/69MHz
80MHz
69MHz
8
8
166MHz
104MHz
166MHz
145MHz
138MHz
104MHz
80/80MHz
80MHz
80MHz
9
9
166MHz
122MHz
166MHz
156MHz
140MHz
122MHz
80/80MHz
80MHz
80MHz
10
10
166MHz
127MHz
166MHz
166MHz
145MHz
127MHz
80/80MHz
80MHz
80MHz
11
11
166MHz
139MHz
166MHz
166MHz
151MHz
139MHz
80/80MHz
80MHz
80MHz
12
12
166MHz
151MHz
166MHz
166MHz
166MHz
151MHz
80/80MHz
80MHz
80MHz
13
13
166MHz
162MHz
166MHz
166MHz
166MHz
162MHz
80/80MHz
80MHz
80MHz
14
14
166MHz
166MHz
166MHz
166MHz
166MHz
166MHz
80/80MHz
80MHz
80MHz
15
15
166MHz
166MHz
166MHz
166MHz
166MHz
166MHz
80/80MHz
80MHz
80MHz
Notes:
1. Default dummy cycles are as follows.
Operation
Command
Dummy Cycles
Comment
SPI mode
QPI mode
SPI mode
QPI mode
Fast Read
0Bh/0Ch
0Bh/0Ch
8
6
RDUID, IRRD instructions are also
applied.
Fast Read Dual Output
3Bh/3Ch
-
8
-
Fast Read Quad Output
6Bh/6Ch
-
8
-
Fast Read Dual IO
BBh/BCh
-
4
-
Fast Read Quad IO
EBh/ECh
EBh/ECh
6
6
Fast Read DTR
0Dh/0Eh
0Dh/0Eh
8
6
Fast Read Dual IO DTR
BDh/BEh
-
4
-
Fast Read Quad IO DTR
EDh/EEh
EDh/EEh
6
6
2. Enough number of dummy cycles must be applied to execute properly the AX read operation.
3. Must satisfy bus I/O contention. For instance, if the number of dummy cycles and AX bits cycles are same, then X
must be Hi-Z.
4. QPI mode is not available for FRDDTR command.
5. RDUID, IRRD instructions are also applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com