Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L99MC6
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L99MC6 Datasheet HTML 9Page - STMicroelectronics L99MC6 Datasheet HTML 10Page - STMicroelectronics L99MC6 Datasheet HTML 11Page - STMicroelectronics L99MC6 Datasheet HTML 12Page - STMicroelectronics L99MC6 Datasheet HTML 13Page - STMicroelectronics L99MC6 Datasheet HTML 14Page - STMicroelectronics L99MC6 Datasheet HTML 15Page - STMicroelectronics L99MC6 Datasheet HTML 16Page - STMicroelectronics L99MC6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
L99MC6
Description
Doc ID 16523 Rev 2
13/32
2.2
Standby mode
The standby mode of the L99MC6 is activated by SPI command (EN bit of CTRL 0 reset to
0, see Section 9.3.2: Register description). The inputs and outputs are switched-off. The
status registers are cleared and the control registers are reset to their default values.
In the standby mode the current consumption is 5 µA (typical value). A SPI command is
needed to switch the L99MC6 in normal mode.
2.3
Inductive loads
Each switch is built by a power DMOS transistor. For low-side configured outputs an internal
zener clamp from the drain to gate with a breakdown of 31 V minimum provides for fast turn-
off of inductive loads.
For high-side configured outputs, an internal zener clamp with a breakdown of -15 V
maximum provides for fast turn-off of inductive loads (Figure 5).
The maximum clamping energy is specified in Chapter 10.
Figure 5.
Output voltage clamping
2.4
Diagnostic functions
All diagnostic functions (overload, open-load, temperature warning and thermal shutdown)
are internally filtered and the condition has to be valid for at least 32 µs (open-load: typ.
400 µs, respectively) before the corresponding status bit in the status registers are set. The
filters are used to improve the noise immunity of the device. Open-load and temperature
warning function are intended for information purpose and do not change the state of the
output drivers. On contrary, the overload and thermal shutdown condition disable the
corresponding driver (overload) or all drivers (thermal shutdown), respectively. Without
setting the overcurrent recovery bit in the input data register to logic high, the microcontroller
has to clear the overcurrent status bit to reactivate the corresponding driver. (All switches
have a corresponding overcurrent recovery bit) If this bit is set, the device automatically
switches-on the outputs again after a short recovery time. With this feature the device can
drive loads with start-up currents higher than the overcurrent limits (that is inrush current of
incandescent lamps, cold resistance of motors and heaters, Figure 7).
Time
Low Side Configuration
GND
Drain Clamp
Voltage
(VDRN_CL1-6) = 35V)
VS
Output Current
Drain Voltage
Time
High Side Configuration
VS
Source Voltage
Output Current
GND
Source Clamp
Voltage
(VSRC_CL1-3) = -19V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com