Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L99MC6
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L99MC6 Datasheet HTML 32Page - STMicroelectronics L99MC6 Datasheet HTML 33Page - STMicroelectronics L99MC6 Datasheet HTML 34Page - STMicroelectronics L99MC6 Datasheet HTML 35Page - STMicroelectronics L99MC6 Datasheet HTML 36Page - STMicroelectronics L99MC6 Datasheet HTML 37Page - STMicroelectronics L99MC6 Datasheet HTML 38Page - STMicroelectronics L99MC6 Datasheet HTML 39Page - STMicroelectronics L99MC6 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
SPI control and status register
L99MC6
36/32
Doc ID 16523 Rev 2
9.3.1
Channel configuration decoding
9.3.2
Register description
Table 29.
Channel configuration decoding
CHx
[2]
CHx
[1]
CHx
[0]
CHx
PWM
mode
Overcurrent
recovery
Slew Rate
Open-load
detection
000
Off(1)
No
-
High
Off
111
Off(1)
No
-
Low
On
0
0
1
On
No
No
High
-
0
1
0
On
No
No
Low
-
011
On
No
Yes
Low
-
1
0
1
IN/PWM(2)
Yes
No
High
Off
1
1
0
IN/PWM(2)
Yes
No
Low
On
1.
The state of the channel 2 is according to the IN/PWM signal
2.
The output state is according to the IN/PWM signal, note that bridge mode and PWM mode may not be activated at the
same time for channels 2 and 5.
Table 30.
Register description(1)
Name
Comment
EN
Global device enable bit. If this bit is reset, the device goes in standby mode.
CHx
[2:0]
Channel output configuration (see
Figure 29).
Note that channel 2 is directly driven by the external IN/PWM pin and thus can not be configured
independently from the PWM configuration of other channels.
Bridge
Activate Bridge mode between channels 3 and 6, channels 2 and 5, channels 1 and 4. Any
polarity change is delayed by masking time of cross conduction protection
If wrong SPI commands try to turn on the channels 3 and 6, channels 2 and 5, channels 1 and 4
simultaneously, the high-side (channels 3, 2, 1) has the priority whereas channels 6, 5, 4 is (or
stay) deactivated.
ENCP
This bit is preset to ‘1’ at startup. To deactivate the internal charge pump ENCP has to be reset
together with setting DISCP (CTRL 2). This mechanism avoids unwanted charge pump
deactivation after an undetected communication error.
It is recommended to check the state of the charge pump deactivation bits at every access of
CTRL 1 and CTRL 2.
DISCP
This bit is reset to ‘0’ at startup. To deactivate the internal charge pump DISCP has to be set
together with resetting ENCP (CTRL 1)
TSD
Overtemperature detected: all the drivers are shutdown
TWARN
Overtemperature warning level detected, information only
OL [6:1]
Open-load error detected, information only
OC [6:1]
Overcurrent error detected, drivers are deactivated and re-enabled cyclically when bulb mode is
configured. Note: in order to detect a real overload condition, the application software must make
sure, that the corresponding OC bit remains cleared after a maximum heat up time of the load.
1.
Every output stage is protected against overtemperature and overcurrent. While still configured as ON, the output stage
can be deactivated by the corresponding error bits in the status registers. In order to reactivate the drivers, the status
registers have to be cleared by a specific SPI command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com