Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99MC6
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6 Datasheet(HTML) 1 Page - STMicroelectronics

  L99MC6 Datasheet HTML 1Page - STMicroelectronics L99MC6 Datasheet HTML 2Page - STMicroelectronics L99MC6 Datasheet HTML 3Page - STMicroelectronics L99MC6 Datasheet HTML 4Page - STMicroelectronics L99MC6 Datasheet HTML 5Page - STMicroelectronics L99MC6 Datasheet HTML 6Page - STMicroelectronics L99MC6 Datasheet HTML 7Page - STMicroelectronics L99MC6 Datasheet HTML 8Page - STMicroelectronics L99MC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
September 2013
Doc ID 16523 Rev 2
1/32
1
L99MC6
Configurable 6-channel device
Features
■
3 independently self configuring high-/low-side
channels
■
3 low-side channels
■
RON =0.7 Ω (typ) at Tj = 25 °C
■
Current limit of each output at min. 0.6 A
■
PWM direct mode
■
Bulb mode with recovery mode
■
LED mode with slew rate control
■
Bridge mode with crosscurrent protection
■
SPI interface for data communication
■
Temperature warning
■
All outputs overtemperature protected
■
All outputs short-circuit protected
■
Configurable open-load detection in off mode
■
VCC supply voltage 3.0 V to 5.25 V
■
Very low current consumption in standby mode
5µA (typ)
■
Internal clamp diodes
■
HS switches operate down to 3 V crank voltage
Applications
■
Relay driver
■
LED driver
■
Motor driver
■
Mirror adjustment
Description
The L99MC6 IC is a highly flexible monolithic
medium current output driver that incorporates 3
dedicated low-side outputs (channels 4 to 6) and
3 independently self configuring outputs
(channels 1 to 3) that can be used as either low-
side or high-side drivers in any combination. The
L99MC6 can control inductive loads,
incandescent bulbs or LEDs.
The L99MC6 can be used in a half bridge
configuration with crosscurrent protection.
The channel 2 can be controlled directly via the
IN/PWM pin for PWM applications. The IN/PWM
signal can be applied to any other output.
The integrated 16-bit standard serial peripheral
interface (SPI) controls all outputs and provides
diagnostic information: normal operation, open-
load in off-state, overcurrent, temperature
warning, overtemperature.
PowerSSO-16
Table 1.
Device summary
Package
Order codes
Part number (tube)
Part number (tape & reel)
PowerSSO-16
L99MC6-LF
L99MC6TR-LF
www.st.com


Similar Part No. - L99MC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99MC6 STMICROELECTRONICS-L99MC6 Datasheet
661Kb / 55P
Configurable 6-channel device
18-Nov-2009
L99MC6 STMICROELECTRONICS-L99MC6 Datasheet
1Mb / 22P
for car body applications
Oct-2013
L99MC6-LF STMICROELECTRONICS-L99MC6-LF Datasheet
661Kb / 55P
Configurable 6-channel device
18-Nov-2009
L99MC6GJ STMICROELECTRONICS-L99MC6GJ Datasheet
1Mb / 55P
Automotive configurable 6-channel device
21-Nov-2016
L99MC6TR-LF STMICROELECTRONICS-L99MC6TR-LF Datasheet
661Kb / 55P
Configurable 6-channel device
18-Nov-2009
More results

Similar Description - L99MC6

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
CapSense Express-6 Configurable IOs
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
logo
STMicroelectronics
L99MC6 STMICROELECTRONICS-L99MC6 Datasheet
661Kb / 55P
Configurable 6-channel device
18-Nov-2009
L99MC6GJ STMICROELECTRONICS-L99MC6GJ Datasheet
1Mb / 55P
Automotive configurable 6-channel device
21-Nov-2016
logo
TDK Electronics
ICM-20648 TDK-ICM-20648 Datasheet
1Mb / 82P
6-Axis MEMS MotionTracking Device
logo
Maxim Integrated Produc...
MAX5392EVMINIQU MAXIM-MAX5392EVMINIQU Datasheet
1Mb / 19P
Configurable and Fixed Device Addresses
Rev 1; 5/10
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com