Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99MC6
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99MC6 Datasheet HTML 17Page - STMicroelectronics L99MC6 Datasheet HTML 18Page - STMicroelectronics L99MC6 Datasheet HTML 19Page - STMicroelectronics L99MC6 Datasheet HTML 20Page - STMicroelectronics L99MC6 Datasheet HTML 21Page - STMicroelectronics L99MC6 Datasheet HTML 22Page - STMicroelectronics L99MC6 Datasheet HTML 23Page - STMicroelectronics L99MC6 Datasheet HTML 24Page - STMicroelectronics L99MC6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
L99MC6
Electrical characteristics
Doc ID 16523 Rev 2
21/32
6.3
Channels
Table 8.
Channels
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
6.3.1
rON SWI1-3
On resistance drain to
source in HS configuration
VS=13.5 V, Tj =25°C,
CP on, Iload = 250 mA
-700
900
m
Ω
VS=13.5 V, Tj = 125 °C,
CP on, Iload = 250 mA
-1100
1500
m
Ω
VS =6.0 V Tj =25 °C,
CP on, Iload = 125 mA
-700
900
m
Ω
VS = 6.0 V, Tj = 125 °C,
CP on, Iload = 125 mA
-1100
1500
m
Ω
VS =4.5 V Tj =25 °C,
CP on, Iload = 125 mA
-
800
1500
m
Ω
VS = 4.5 V, Tj = 125 °C,
CP on, Load = 125 mA
-
1300
2000
m
Ω
VS =3 V, Tj =25 °C,
CP on, Iload = 125 mA
-
1600
2600
m
Ω
6.3.2
rON SWI1-6
On resistance drain to
source or GND,
in LS configuration
VCC=5.0 V, Tj =25°C,
Load = 250 mA
-
750
1000
m
Ω
VCC =5.0 V, Tj =125 °C,
Iload =250 mA
-1100
1500
m
Ω
VCC =3.3 V, Tj =25 °C,
Iload =250 mA
-
900
1250
m
Ω
VCC =3.3 V, Tj =125 °C,
Iload =250 mA
-
1400
1800
m
Ω
6.3.3
ISC1-6
Overcurrent protection
Channels 1 to 3
0.7
1.0
1.4
A
Channels 4 to 6
0.6
0.8
1.0
A
6.3.4
td ON1-6
Output delay time,
switch-on
VS = 13.5 V, VCC = 5.0 V
-
50
100
μs
6.3.5
td OFF1-6
Output delay time,
switch-off
VS = 13.5 V, VCC = 5.0 V
-
50
100
μs
6.3.6
td ONLED1-6
Output delay time,
switch-on LED
VS = 13.5 V, VCC = 5.0 V
-
15
40
μs
6.3.7
tdOFFLED1-6
Output delay time,
switch-off LED
VS = 13.5 V, VCC = 5.0 V
-
15
40
μs
6.3.8
tDHL
Crosscurrent protection
time
Only in Bridge mode
-200
500
μs
6.3.9
IQLD
Switched-off output current
DRN 1-6
VDRN2-6 =VS, LED mode,
CP off
0-
5
µA
VDRN1
-20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com