Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99MC6
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99MC6 Datasheet HTML 23Page - STMicroelectronics L99MC6 Datasheet HTML 24Page - STMicroelectronics L99MC6 Datasheet HTML 25Page - STMicroelectronics L99MC6 Datasheet HTML 26Page - STMicroelectronics L99MC6 Datasheet HTML 27Page - STMicroelectronics L99MC6 Datasheet HTML 28Page - STMicroelectronics L99MC6 Datasheet HTML 29Page - STMicroelectronics L99MC6 Datasheet HTML 30Page - STMicroelectronics L99MC6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
L99MC6
Functional description of the SPI
Doc ID 16523 Rev 2
27/32
8
Functional description of the SPI
8.1
Signal description
8.1.1
Serial clock (SCK)
This input signal provides the timing of the serial interface. Data present at serial data input
(SDI) is latched on the rising edge of serial clock (SCK). Data on serial data output (SDO) is
shifted out at the falling edge of serial clock (see Figure 11).
The SPI can be driven by a microcontroller with its SPI peripherals running in following
mode: CPOL = 0 and CPHA = 0 (see Figure 11).
8.1.2
Serial data input (SDI)
This input is used to transfer data serially into the device. It receives the data to be written.
Values are latched on the rising edge of serial clock (SCK).
8.1.3
Serial data output (SDO)
This output signal is used to transfer data serially out of the device. Data is shifted out on the
falling edge of serial clock (SCK).
DO also reflects the status of the <Global Error Flag> (<Global Status Register>, bit 7) while
CSN is low and no clock signal is present
8.1.4
Chip select not (CSN)
When this input signal is high, the device is deselected and serial data output (SDO) is high-
impedance. Driving this input low enables the communication. The communication must
start and stop on a low-level of serial clock (SCK).
Figure 11.
Clock polarity and clock phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com