Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L99MC6
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L99MC6 Datasheet HTML 19Page - STMicroelectronics L99MC6 Datasheet HTML 20Page - STMicroelectronics L99MC6 Datasheet HTML 21Page - STMicroelectronics L99MC6 Datasheet HTML 22Page - STMicroelectronics L99MC6 Datasheet HTML 23Page - STMicroelectronics L99MC6 Datasheet HTML 24Page - STMicroelectronics L99MC6 Datasheet HTML 25Page - STMicroelectronics L99MC6 Datasheet HTML 26Page - STMicroelectronics L99MC6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
L99MC6
SPI electrical characteristics
Doc ID 16523 Rev 2
23/32
7
SPI electrical characteristics
VS =6V to 16 V, VCC = 3.0 V to 5.3 V, Tj = -40 °C to 150 °C, unless otherwise specified.
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin
7.1
DC characteristics
7.2
AC characteristics
Table 9.
DC characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
DI, SCK, CSN, PWM
VIL
Low-level input voltage
-
0.3VDD
V
VIH
High-level input voltage
-
0.7VDD
V
RCSN in
Pull-up resistor at input CSN
-
20
50
80
k
Ω
RCLK in
Pull-down resistor at input CLK
-
20
50
80
k
Ω
RDI in
Pull-down resistor at input DI
-
20
50
80
k
Ω
DO
VOL
Low-level output voltage
IOUT = 5 mA
0.3VDD
V
VOH
High-level output voltage
IOUT = 5 mA
0.7VDD
V
Table 10.
AC characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
DI, DO, SCK, CSN
COUT
Output capacitance (DO)
VOUT = 0 to 5 V
-
-
10
pF
CIN
Input capacitance (DI)
VIN = 0 to 5 V
-
-
10
pF
Input capacitance (other pins)
VIN = 0 to 5 V
-
-
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com