Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETL9444 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ETL9444
Description  4-BIT NMOS MICROCONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETL9444 Datasheet(HTML) 1 Page - STMicroelectronics

  ETL9444 Datasheet HTML 1Page - STMicroelectronics ETL9444 Datasheet HTML 2Page - STMicroelectronics ETL9444 Datasheet HTML 3Page - STMicroelectronics ETL9444 Datasheet HTML 4Page - STMicroelectronics ETL9444 Datasheet HTML 5Page - STMicroelectronics ETL9444 Datasheet HTML 6Page - STMicroelectronics ETL9444 Datasheet HTML 7Page - STMicroelectronics ETL9444 Datasheet HTML 8Page - STMicroelectronics ETL9444 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
ETL9444/ETL9445
ETL9344/ETL9345
May 1989
4-BIT NMOS MICROCONTROLLERS
.
LOW COST
.
POWERFUL INSTRUCTION SET
.
2k x 8 ROM, 128 x 4 RAM
.
23 I/O LINES (ETL9444)
.
TRUE VECTORED INTERRUPT, PLUS RES-
TART
.
THREE-LEVEL SUBROUTINE STACK
.
16
µs INSTRUCTION TIME
.
SINGLE SUPPLY OPERATION (4.5-6.3V)
.
LOW CURRENT DRAIN (13mA max.)
.
INTERNAL TIME-BASE COUNTER FOR REAL-
TIME PROCESSING
.
INTERNAL BINARY COUNTER REGISTER
WITH MICROWIRE
® SERIAL I/O CAPABILITY
.
GENERAL PURPOSE AND TRI-STATE® OUT-
PUTS
.
LSTTL/CMOS COMPATIBLE IN AND OUT
.
DIRECT DRIVE OF LED DIGIT AND SEGMENT
LINES
.
SOFTWARE/HARDWARE
COMPATIBLE
WITH OTHER MEMBERS OF ET9400 FAMILY
.
EXTENDED TEMPERATURE
RANGE DE-
VICES
ETL9344/L9345 (– 40
°Cto + 85°C)
.
WIDER SUPPLY RANGE (4.5 – 9.5V)
OPTIONALLY AVAILABLE
.
SOIC 24/28 AND PLCC 28 PACKAGES AVAI-
LABLE
N
(Plastic Package)
DESCRIPTION
The ETL9444/L9445 and ETL9344/L9345 Single-
Chip N-Channel Microcontrollers are fully compati-
ble with the COPS
® family, fabricated using
N-channel, silicon gate XMOS technology. They are
complete microcomputers containing all system ti-
ming, internal logic, ROM, RAM and I/O necessary
to implement dedicated control functions in a variety
of applications. Features include single supply ope-
ration, a variety of output configuration options, with
an instruction set, internal architecture and I/O
scheme designed to facilitate keyboard input, dis-
play output and BCD data manipulation. The
ETL9445 is identical to the ETL9444, except with 19
I/O lines instead of 23 : They are an appropriate
choice for use in numerous human interface control
environments. Standard test procedures and relia-
ble high-density fabrication techniques provide the
medium to large volume customers with a customi-
PIN CONNECTION
ETL9345/ETL9345
N
(Plastic Package)
ETL9444/ETL9344
1/27


Similar Part No. - ETL9444

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ETL9413 STMICROELECTRONICS-ETL9413 Datasheet
147Kb / 3P
NMOS MICROCONTROLLERS
ETL9420 STMICROELECTRONICS-ETL9420 Datasheet
1Mb / 28P
NMOS MICROCONTROLLERS
Apr-1989
ETL9421 STMICROELECTRONICS-ETL9421 Datasheet
1Mb / 28P
NMOS MICROCONTROLLERS
Apr-1989
ETL9422 STMICROELECTRONICS-ETL9422 Datasheet
1Mb / 28P
NMOS MICROCONTROLLERS
Apr-1989
More results

Similar Description - ETL9444

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ETL9420 STMICROELECTRONICS-ETL9420 Datasheet
1Mb / 28P
NMOS MICROCONTROLLERS
Apr-1989
logo
Toshiba Semiconductor
TMP4240P TOSHIBA-TMP4240P Datasheet
135Kb / 8P
NMOS 4-BIT MICROCONTROLLER
TMP4250N TOSHIBA-TMP4250N Datasheet
140Kb / 8P
NMOS 4-BIT MICROCONTROLLER
TMP4700AC TOSHIBA-TMP4700AC Datasheet
58Kb / 3P
NMOS 4-BIT MICROCONTROLLER
TMP4720P TOSHIBA-TMP4720P Datasheet
214Kb / 11P
NMOS 4-BIT MICROCONTROLLER
TMP4746N TOSHIBA-TMP4746N Datasheet
231Kb / 11P
NMOS 4-BIT MICROCONTROLLER
TMP4799C TOSHIBA-TMP4799C Datasheet
121Kb / 6P
NMOS 4-BIT MICROCONTROLLER
logo
KEC(Korea Electronics)
KLCS-47E KEC-KLCS-47E Datasheet
164Kb / 4P
4-BIT MICROCONTROLLERS
logo
STMicroelectronics
ETL9413 STMICROELECTRONICS-ETL9413 Datasheet
147Kb / 3P
NMOS MICROCONTROLLERS
logo
Intel Corporation
8031AH INTEL-8031AH_95 Datasheet
168Kb / 11P
NMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com