Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETL9444 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ETL9444
Description  4-BIT NMOS MICROCONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETL9444 Datasheet(HTML) 4 Page - STMicroelectronics

  ETL9444 Datasheet HTML 1Page - STMicroelectronics ETL9444 Datasheet HTML 2Page - STMicroelectronics ETL9444 Datasheet HTML 3Page - STMicroelectronics ETL9444 Datasheet HTML 4Page - STMicroelectronics ETL9444 Datasheet HTML 5Page - STMicroelectronics ETL9444 Datasheet HTML 6Page - STMicroelectronics ETL9444 Datasheet HTML 7Page - STMicroelectronics ETL9444 Datasheet HTML 8Page - STMicroelectronics ETL9444 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ETL9444/L9445
DC ELECTRICAL CHARACTERISTICS (continued)
Parameter
Test Conditions
Mi n.
Max.
Unit
Output Current Levels
Output Sink Current
SO and SK Outputs (IOL )
L 0-L 7 Outputs and Standard
G 0-G 3,D0-D 3 Outputs (IOL )
G 0-G 3 and D0-D 3 Outputs with
High Current Options (IOL )
G 0-G 3 and D0 -D 3 Outputs with
Very High Current Options (I OL )
CKI (single-pin RC oscillator)
CKO
Output Source Current
Standard Configuration,
All Outputs (I OH)
Push-pull Configuration
SO and SK Outputs (IOH)
LED Configuration, L0-L 7
Outputs, Low Current
Driver Option (IOH)
LED Configuration, L0 -L 7
Outputs, High Current
Driver Option (IOH)
TRI-STATE
® Configuration,
L 0-L 7 Outputs, Low
Current Driver Option (IOH)
TRI-STATE
® Configuration,
L 0-L 7 Outputs, High
Current Driver Option (IOH)
Input Load Source Current
VCC = 9.5V, VOL = 0.4V
VCC = 6.3V, VOL = 0.4V
VCC = 4.5V, VOL = 0.4V
VCC = 9.5V, VOL = 0.4V
VCC = 6.3V, VOL = 0.4V
VCC = 4.5V, VOL = 0.4V
VCC = 9.5V, VOL = 1.0V
VCC = 6.3V, VOL = 1.0V
VCC = 4.5V, VOL = 1.0V
VCC = 9.5V, VOL = 1.0V
VCC = 6.3V, VOL = 1.0V
VCC = 4.5V, VOL = 1.0V
VCC = 4.5V, VIH = 3.5V
VCC = 4.5V, VOL = 0.4V
VCC = 9.5V, VOH = 2.0V
VCC = 6.3V, VOH = 2.0V
VCC = 4.5V, VOH = 2.0V
VCC = 9.5V, VOH = 4.75V
VCC = 6.3V, VOH = 2.4V
VCC = 4.5V, VOH = 1.0V
VCC = 9.5V, VOH = 2.0V
VCC = 6.0V, VOH = 2.0V
VCC = 9.5V, VOH = 2.0V
VCC = 6.0V, VOH = 2.0V
VCC = 9.5V, VOH = 5.5V
VCC = 6.3V, VOH = 3.2V
VCC = 4.5V, VOH = 1.5V
VCC = 9.5V, VOH = 5.5V
VCC = 6.3V, VOH = 3.2V
VCC = 4.5V, VOH = 1.5V
VCC = 5.0V, VIL =0V
1.8
1.2
0.9
0.8
0.5
0.4
15
11
7.5
30
22
15
2
0.2
–140
–75
–30
– 1.4
– 1.4
– 1.2
– 1.5
– 1.5
– 3.0
– 3.0
– 0.75
– 0.8
– 0.9
– 1.5
– 1.6
– 1.8
–10
–800
–480
–250
–18
–13
–35
–25
–140
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
µA
µA
µA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
µA
CKO Output
RAM Power Supply Option
Power Requirement
VR = 3.3V
6.0
mA
TRI-STATE
® Output Leakage
Current
– 2.5
+ 2.5
µA
Total Sink Current Allowed
All Outputs Combined
D, G Ports
L 7 -L 4
L 3-L 0
All Other Pins
Total Source Current Allowed
All I/O Combined
L 7 -L 4
L 3-L 0
Each L Pin
All Other Pins
120
120
4
4
1.5
120
60
60
30
1.5
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
ETL9444/9445–ETL9344/9345
4/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com