Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETL9444 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ETL9444
Description  4-BIT NMOS MICROCONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETL9444 Datasheet(HTML) 3 Page - STMicroelectronics

  ETL9444 Datasheet HTML 1Page - STMicroelectronics ETL9444 Datasheet HTML 2Page - STMicroelectronics ETL9444 Datasheet HTML 3Page - STMicroelectronics ETL9444 Datasheet HTML 4Page - STMicroelectronics ETL9444 Datasheet HTML 5Page - STMicroelectronics ETL9444 Datasheet HTML 6Page - STMicroelectronics ETL9444 Datasheet HTML 7Page - STMicroelectronics ETL9444 Datasheet HTML 8Page - STMicroelectronics ETL9444 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Absolute maximum ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications are not en-
sured when operating the device at absolute maximum ratings.
ETL9444/L9445
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Voltage at any Pin Relative to GND
– 0.5 to + 10
V
Ambient Operating Temperature
0 to + 70
°C
Ambient Storage Temperature
– 65 to + 150
°C
Lead Temperature (soldering, 10 seconds)
300
°C
Power Dissipation
0.75W at 25
°C
0.4W at 70
°C
Total Source Current
120
mA
Total Sink Current
120
mA
DC ELECTRICAL CHARACTERISTICS 0
°C ≤ T
A ≤ +70°C, 4.5V ≤ VCC ≤ 9.5V
(unless otherwise specified)
Parameter
Test Conditions
Mi n.
Max.
Unit
Standard Operating Voltage (V CC)
Optional Operating Voltage (V CC)
Power Supply Ripple
Operating Supply Current
Note 1
Peak to Peak
All Inputs and Outputs Open
4.5
4.5
6.3
9.5
0.5
13
V
V
V
mA
Input Voltage Levels
CKI Input Levels
Crystal Input (
÷ 32, ÷ 16, ÷ 8)
Logic High (V IH)
Logic Low (V IL )
Schmitt Trigger Input (
÷ 4)
Logic High (V IH)
Logic Low (V IL )
RESET Input Levels
Logic High
Logic Low
SO Input Level (test mode)
All Other Inputs
Logic High
Logic High
Logic Low
Logic High
Logic Low
Input Capacitance
Hi-Z Input Leakage
Schmitt Trigger Input
VCC = Max.
With TTL trip level options
selected, VCC =5V
± 5%.
With high trip level options
selected.
2.0
– 0.3
0.7 VCC
– 0.3
0.7 VCC
– 0.3
2.0
3.0
2.0
– 0.3
3.6
– 0.3
–1
0.4
0.6
0.6
2.5
0.8
1.2
7
+1
V
V
V
V
V
V
V
V
V
V
V
V
pF
µA
Output Voltage Levels
LSTTL Operation
Logic High (V OH)
Logic Low (V OL)
VCC =5V
± 5%
I OH =– 25
µA
I OL = 0.36mA
2.7
0.4
V
V
CMOS Operation
Logic High
Logic Low
I OH =– 10
µA
I OL =+ 10
µA
VCC –1
0.2
V
V
Note : 1. VCC voltage change must be less than 0.5V in a 1ms period to maintain proper operation.
ETL9444/9445–ETL9344/9345
3/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com