Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETL9444 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ETL9444
Description  4-BIT NMOS MICROCONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETL9444 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ETL9444 Datasheet HTML 19Page - STMicroelectronics ETL9444 Datasheet HTML 20Page - STMicroelectronics ETL9444 Datasheet HTML 21Page - STMicroelectronics ETL9444 Datasheet HTML 22Page - STMicroelectronics ETL9444 Datasheet HTML 23Page - STMicroelectronics ETL9444 Datasheet HTML 24Page - STMicroelectronics ETL9444 Datasheet HTML 25Page - STMicroelectronics ETL9444 Datasheet HTML 26Page - STMicroelectronics ETL9444 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
OPTION LIST
The ETL9444/L9445 mask programmable options
are assigned numbers which correspond with the
ETL9444 pins.
The following is a list of ETL9444 options. When
specifying ETL9445 chip, Options 9, 10, 19, and 20
must all be set to zero. The options are programmed
at the same time as the ROM pattern to provide the
user with the hardware flexibility to interface to va-
rious I/O components using little or no external cir-
cuitry.
Option 1 = 0 : Ground Pin - no options available
Option 2 : CKO Output
= 0 : clock generator output to crystal/resonator
(0 not allowable value if option 3 = 3)
= 1 : pin is RAM power supply (VR) input
= 2 : general purpose input. load device to VCC
= 3 : general purpose input, Hi-Z
Option 3 : CKI Input
= 0 : oscillator input divided by 32 (2MHz max.)
= 1 : oscillator input divided by 16 (1MHz max.)
= 2 : oscillator input divided by 8 (500kHz max.)
= 3 : single-pin RC controlled oscillator divided
by 4
= 4 : oscillator input divided by 4 (Schmitt)
Option 4 : RESET Input
= 0 : load device to VCC
= 1 : Hi-Z input
Option 5 : L7
Driver
= 0 : Standard output
= 1 : Open-drain output
= 2 : High current LED direct segment drive
output
= 3 : High current TRI-STATE
® push-pull
output
= 4 : Low-current LED direct segment drive
output
= 5 : Low-current TRI-STATE® push-pull
output
Option 6 : L6 Driver
same as Option 5
Option 7 : L5 Driver
same as Option 5
Option 8 : L4 Driver
same as Option 5
Option 9 : IN1 Input
= 0 : load device to VCC
= 1 : Hi-Z input
Option 10 : IN2 Input
same as Option 9
Option 11 : VCC pin
= 0 : 4.5V to 6.3V operation
= 1 : 4.5V to 9.5V operation
Option 12 : L3 Driver
same as Option 5
Option 14 : L2 Driver
same as Option 5
Option 14 : L1 Driver
same as Option 5
Option 15 : L0 Driver
same as Option 5
Option 16 : SI Input
same as Option 9
Option 17 : SO Driver
= 0 : standard output
= 1 : open-drain output
= 2 : push-pull output
Option 18 : SK Driver
same as Option 17
Option 19 : IN0 Input
same as Option 9
Option 20 : IN3 Input
same as Option 9
Option 21 : G0 I/O Port
= 0 : very-high current standard output
= 1 : very-high current open-drain output
= 2 : high current standard output
= 3 : high current open-drain output
= 4 : standard LSTTL output (fanout = 1)
= 5 : open-drain LSTTL output (fanout = 1)
Option 22 : G1 I/O Port
same as Option 21
Option 23 : G2 I/O Port
same as Option 21
Option 24 : G3 I/O Port
same as Option 21
Option 25 : D3 Output
same as Option 21
Option 26 : D2 Output
same as Option 21
Option 27 : D1 Output
same as Option 21
Option 28 : D0 Output
same as Option 21
Option 29 : L Input Levels
= 0 : standard TTL input levels
(”0” = 0.8V, ”1” = 2.0V)
ETL9444/9445–ETL9344/9345
24/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com