Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETL9444 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ETL9444
Description  4-BIT NMOS MICROCONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETL9444 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ETL9444 Datasheet HTML 9Page - STMicroelectronics ETL9444 Datasheet HTML 10Page - STMicroelectronics ETL9444 Datasheet HTML 11Page - STMicroelectronics ETL9444 Datasheet HTML 12Page - STMicroelectronics ETL9444 Datasheet HTML 13Page - STMicroelectronics ETL9444 Datasheet HTML 14Page - STMicroelectronics ETL9444 Datasheet HTML 15Page - STMicroelectronics ETL9444 Datasheet HTML 16Page - STMicroelectronics ETL9444 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
segment blanking for a multiplexed display. Avai-
lable on L outputs only.
g. TRI-STATE® Push-Pull - an enhancement-
mode device to ground and VCC. These outputs
are TRI-STATE outputs, allowing for connection
of these outputs to a data bus shared by other
bus drivers. Available on L outputs only.
ETL9444, L9445 inputs have the following optio-
nal configurations :
h. An on-chip depletion load device to VCC.
i. A Hi-Z input which must be driven to a ”1” or ”0”
by external components.
The above input and output configurations share
common enhancement-mode and depletion-mode
devices. Specifically, all configurations use one or
more of six devices (numbered 1-6, respectively).
Minimum and maximum current (IOUT and VOUT
curves are given in figure 6 for each of these devices
to allow the designer to effectively use these I/O
configurations in designing a system.
The SO, SK outputs can be configured as shown in
a., b., or c. The D and G outputs can be configured
as shown in a. or b. Note that when inputting data
to the G ports, the G outputs should be set to ”1”.
The L outputs can be configured as in d., e., f.or g.
An important point to remember if using configura-
tion d.or f. with the L drivers is that even when the
L drivers are disabled, the depletion load device will
source a small amount of current (see figure 6, de-
vice 2) ; however, when the L-lines are used as in-
puts, the disabled depletion device can not be relied
on to source sufficient current to pull an input to logic
”1”.
RAM KEEP-ALIVE OPTION
Selecting CKO as the RAM power supply (VR) al-
lows the user to shut off the chip power supply (VCC)
and maintain data in the RAM.
To insure that RAM data integrity is maintained, the
following conditions must be met :
1. RESET must go low before VCC goes low during
power off ; VCC must go high before RESET goes
high on power-up.
2. VR must be within the operating range of the
chip, and equal to VCC
± 1V during normal ope-
ration.
3. VR must be
≥ 3.3V with VCC off.
ETL9445
If the ETL9444 ls bonded as a 24-pin device, it be-
comes the ETL9445, illustrated in figure 2, ETL9444
Connection Diagrams. Note that the ETL9445 does
not contain the four general purpose IN inputs (IN3-
IN0). Use of this option precludes, of course, use of
the IN options and the interrupt feature, which uses
IN1. All other options are available for the ETL9445.
ETL9444/9445–ETL9344/9345
13/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com