Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETL9444 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ETL9444
Description  4-BIT NMOS MICROCONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETL9444 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ETL9444 Datasheet HTML 14Page - STMicroelectronics ETL9444 Datasheet HTML 15Page - STMicroelectronics ETL9444 Datasheet HTML 16Page - STMicroelectronics ETL9444 Datasheet HTML 17Page - STMicroelectronics ETL9444 Datasheet HTML 18Page - STMicroelectronics ETL9444 Datasheet HTML 19Page - STMicroelectronics ETL9444 Datasheet HTML 20Page - STMicroelectronics ETL9444 Datasheet HTML 21Page - STMicroelectronics ETL9444 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
ETL9444/L9445, ETL9344/L9345 INSTRUC-
TION SET
Table 1 is a symbol table providing internal architec-
ture, instruction operand and operational symbols u-
sed in the instruction set table.
Table 2 provides the mnemonic, operand, machine
code, data flow, skip conditions, and description as-
sociated
with
each
instruction
in
the
ETL9444/L9445 instruction set.
INTERNAL ARCHITECTURE SYMBOLS
Symbol
Definition
A
B
Br
Bd
C
D
EN
G
IL
IN
L
M
PC
Q
SA
SB
SC
SIO
SK
4-bit Accu mulator
7-bit RAM Address Register
Upper 3 Bits of B (register address)
Lower 4 Bits of B (digit address)
1-bit Carry Register
4-bit Data Output Port
4-bit Enable Register
4-bit Register to Latch Data for G I/O Port
Two 1-bit latches associated with the IN3
or IN0 inputs.
4-bit Input Port
8-bit TRI-STATE
® I/O Port
4-bit contents of RAM memory pointed to
by B register.
11-bit ROM Address Register (program
counter)
8-bit Register to Latch Data for L I/O Port
11-bit Subroutine Save Register A
11-bit Subroutine Save Register B
11-bit Subroutine Save Register C
4-bit Shift Register and Counter
Logic-controlled Clock Output
INSTRUCTION OPERAND SYMBOLS
Symbol
Definition
d
r
a
y
RAM(s)
ROM(t)
4-bit Operand Field, 0-15 Binary (RAM
digit select)
3-bit Operand Field, 0-7 Binary (RAM
register select)
11-bit Operand Field, 0-2047 Binary
(ROM address)
4-bit Operand Field, 0-15 Binary
(immediate data)
Contents of RAM location addressed by s.
Contents of ROM location addressed by t.
OPERATIONAL SYMBOLS
Symbol
Definition
+
-
©
£
=
A
⊕
:
Plus
Minus
Replaces
Is exchanged with.
Is equal to.
The one’s complement of A.
Exclusive-OR
Range of Values
Table 1 : ETL9444/9445 ETL9344/9345 Instruction Set Table Symbols.
ETL9444/9445–ETL9344/9345
18/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com