Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2920 Datasheet(PDF) 15 Page - Texas Instruments

Part # REF2920
Description  REF29xx 100 ppm/°C, 50 μA in 3-Pin SOT-23 CMOS Voltage Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2920 Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF2920 Datasheet HTML 11Page - Texas Instruments REF2920 Datasheet HTML 12Page - Texas Instruments REF2920 Datasheet HTML 13Page - Texas Instruments REF2920 Datasheet HTML 14Page - Texas Instruments REF2920 Datasheet HTML 15Page - Texas Instruments REF2920 Datasheet HTML 16Page - Texas Instruments REF2920 Datasheet HTML 17Page - Texas Instruments REF2920 Datasheet HTML 18Page - Texas Instruments REF2920 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
1
3
REF29xx
2
0.47µF
V
IN
V
OUT
15
REF2912, REF2920, REF2925
REF2930, REF2933, REF2940
www.ti.com
SBVS033C – JUNE 2002 – REVISED JUNE 2016
Product Folder Links: REF2912 REF2920 REF2925 REF2930 REF2933 REF2940
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
For normal operation, the REF29xx does not require a capacitor on the output. If a capacitive load is connected,
take special care when using low equivalent series resistance (ESR) capacitors and high capacitance. This
precaution is especially true for low-output voltage devices; therefore, for the REF2912 use a low-ESR
capacitance of 10 µF or less. Figure 29 shows the typical connections required for operation of the REF29xx. TI
always recommends a supply bypass capacitor of 0.47 µF.
Figure 29. Typical Connections for Operating REF29xx
9.2 Typical Application
Figure 30 shows a low-power reference and conditioning circuit. This circuit attenuates and level-shifts a bipolar
input voltage within the proper input range of a single-supply low-power 16-bit ΔΣ ADC, such as the one inside
the MSP430 or other similar single-supply ADCs. Precision reference circuits are used to level-shift the input
signal, provide the ADC reference voltage and to create a well-regulated supply voltage for the low-power analog
circuitry. A low-power, zero-drift, operational amplifier circuit is used to attenuate and level-shift the input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com