Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2920 Datasheet(PDF) 12 Page - Texas Instruments

Part # REF2920
Description  REF29xx 100 ppm/°C, 50 μA in 3-Pin SOT-23 CMOS Voltage Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2920 Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF2920 Datasheet HTML 8Page - Texas Instruments REF2920 Datasheet HTML 9Page - Texas Instruments REF2920 Datasheet HTML 10Page - Texas Instruments REF2920 Datasheet HTML 11Page - Texas Instruments REF2920 Datasheet HTML 12Page - Texas Instruments REF2920 Datasheet HTML 13Page - Texas Instruments REF2920 Datasheet HTML 14Page - Texas Instruments REF2920 Datasheet HTML 15Page - Texas Instruments REF2920 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
(
)
PRE
POST
6
HYST
NOM
abs V
V
V
10
ppm
V
æ
ö
-
=
´
ç
÷
è
ø
12
REF2912, REF2920, REF2925
REF2930, REF2933, REF2940
SBVS033C – JUNE 2002 – REVISED JUNE 2016
www.ti.com
Product Folder Links: REF2912 REF2920 REF2925 REF2930 REF2933 REF2940
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Feature Description (continued)
Supply voltages below the specified levels can cause the REF29xx to momentarily draw currents greater than
the typical quiescent current. Using a power supply with a fast rising edge and low output impedance easily
prevents this.
8.3.2 Thermal Hysteresis
Thermal hysteresis for the REF29xx is defined as the change in output voltage after operating the device at
25°C, cycling the device through the specified temperature range, and returning to 25°C, and can be expressed
as shown in Equation 1.
where
•
VHYST = calculated hysteresis
•
VPRE = output voltage measured at 25°C pretemperature cycling
•
VPOST = output voltage measured when device has been operated at 25°C, cycled through specified range
–40°C to 125°C and returned to operation at 25°C
(1)
8.3.3 Temperature Drift
The REF29xx is designed to exhibit minimal drift error, defined as the change in output voltage over varying
temperature. Using the box method of drift measurement, the REF29xx features a typical drift coefficient of 20
ppm from 0°C to 70°C— the primary temperature range of use for many applications. For industrial temperature
ranges of –40°C to 125°C, the REF29xx family drift increases to a typical value of 50 ppm.
8.3.4 Noise Performance
The REF29xx generates noise less than 50 µVPP between frequencies of 0.1 Hz to 10 Hz, and can be seen in
Figure 20. The noise voltage of the REF29xx increases with output voltage and operating temperature. Additional
filtering may be used to improve output noise levels, however, take care ensuring the output impedance does not
degrade AC performance.
8.3.5 Long-Term Stability
Long-term stability refers to the change of the output voltage of a reference over a period of months or years.
This effect lessens as time progresses as is apparent by the long-term stability curves. The typical drift value for
the REF29xx is 24 ppm from 0 to 1000 hours, and 15 ppm from 1000 to 2000 hours. This parameter is
characterized by measuring 30 units at regular intervals for a period of 2000 hours.
8.3.6 Load Regulation
Load regulation is defined as the change in output voltage due to changes in load current. Load regulation for the
REF29xx is measured using force and sense contacts as pictured in Figure 26. The force and sense lines tied to
the contact area of the output pin reduce the impact of contact and trace resistance, resulting in accurate
measurement of the load regulation contributed solely by the REF29xx. For applications requiring improved load
regulation, force and sense lines must be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com