Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2920 Datasheet(PDF) 5 Page - Texas Instruments

Part # REF2920
Description  REF29xx 100 ppm/°C, 50 μA in 3-Pin SOT-23 CMOS Voltage Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2920 Datasheet(HTML) 5 Page - Texas Instruments

  REF2920 Datasheet HTML 1Page - Texas Instruments REF2920 Datasheet HTML 2Page - Texas Instruments REF2920 Datasheet HTML 3Page - Texas Instruments REF2920 Datasheet HTML 4Page - Texas Instruments REF2920 Datasheet HTML 5Page - Texas Instruments REF2920 Datasheet HTML 6Page - Texas Instruments REF2920 Datasheet HTML 7Page - Texas Instruments REF2920 Datasheet HTML 8Page - Texas Instruments REF2920 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
REF2912, REF2920, REF2925
REF2930, REF2933, REF2940
www.ti.com
SBVS033C – JUNE 2002 – REVISED JUNE 2016
Product Folder Links: REF2912 REF2920 REF2925 REF2930 REF2933 REF2940
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
(1)
Box Method used to determine overtemperature drift.
(2)
Typical value of load regulation reflects measurements using a force and sense contacts, see Load Regulation.
(3)
Minimum supply voltage for REF2912 is 1.8 V.
7.5 Electrical Characteristics
Boldface limits apply over the specified temperature range, TA = –40°C to 125°C. At TA = 25°C, ILOAD = 0 mA, VIN = 5 V,
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REF2912 – 1.25 V
VOUT
Output voltage
1.225
1.25
1.275
V
Initial accuracy
2%
Output voltage noise
f = 0.1 Hz to 10 Hz,
14
µVPP
Voltage noise
f = 10 Hz to 10 kHz
42
µVrms
Line regulation
1.8 V
≤ VIN ≤ 5.5 V
60
190
µV/V
REF2920
VOUT
Output voltage
2.007
2.048
2.089
V
Initial accuracy
2%
Output voltage noise
f = 0.1 Hz to 10 Hz,
23
µVPP
Voltage noise
f = 10 Hz to 10 kHz
65
µVrms
Line regulation
VREF + 50 mV ≤ VIN ≤ 5.5 V
110
290
µV/V
REF2925
VOUT
Output voltage
2.45
2.5
2.55
V
Initial accuracy
2%
Output voltage noise
f = 0.1 Hz to 10 Hz
28
µVPP
Voltage noise
f = 10 Hz to 10 kHz
80
µVrms
Line regulation
VREF + 50 mV ≤ VIN ≤ 5.5 V
120
325
µV/V
REF2930
VOUT
Output voltage
2.94
3
3.06
V
Initial accuracy
2%
Output voltage noise
f = 0.1 Hz to 10 Hz,
33
µVPP
Voltage noise
f = 10 Hz to 10 kHz
94
µVrms
Line regulation
VREF + 50 mV ≤ VIN ≤ 5.5 V
120
375
µV/V
REF2933
VOUT
Output voltage
3.234
3.3
3.366
V
Initial accuracy
2%
Output voltage noise
f = 0.1 Hz to 10 Hz,
36
µVPP
Voltage noise
f = 10 Hz to 10 kHz
105
µVrms
Line regulation
VREF + 50 mV ≤ VIN ≤ 5.5 V
130
400
µV/V
REF2940
VOUT
Output voltage
4.014
4.096
4.178
V
Initial accuracy
2%
Output voltage noise
f = 0.1 Hz to 10 Hz,
45
µVPP
Voltage noise
f = 10 Hz to 10 kHz
128
µVrms
VREF + 50 mV ≤ VIN ≤ 5.5 V
160
410
µV/V
REF2912, REF2920, REF2925, REF2930, REF2933, REF2940
dVOUT/dT
Output voltage temperature drift(1)
–40°C
≤ TA ≤ 125°C
35
100
ppm/°C
ILOAD
Output current
25
mA
Long-term stability
0 to 1000H
24
ppm
1000 to 2000H
15
dVOUT/dILOAD Load regulation
(2)
0 mA < ILOAD < 25 mA,
VIN = VREF + 500 mV
(3)
3
100
µV/mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com