Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2920 Datasheet(PDF) 20 Page - Texas Instruments

Part # REF2920
Description  REF29xx 100 ppm/°C, 50 μA in 3-Pin SOT-23 CMOS Voltage Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2920 Datasheet(HTML) 20 Page - Texas Instruments

Back Button REF2920 Datasheet HTML 16Page - Texas Instruments REF2920 Datasheet HTML 17Page - Texas Instruments REF2920 Datasheet HTML 18Page - Texas Instruments REF2920 Datasheet HTML 19Page - Texas Instruments REF2920 Datasheet HTML 20Page - Texas Instruments REF2920 Datasheet HTML 21Page - Texas Instruments REF2920 Datasheet HTML 22Page - Texas Instruments REF2920 Datasheet HTML 23Page - Texas Instruments REF2920 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
REF2912AIDBZR
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29A
REF2912AIDBZR.B
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29A
REF2912AIDBZT
Active
Production
SOT-23 (DBZ) | 3
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29A
REF2912AIDBZT.B
Active
Production
SOT-23 (DBZ) | 3
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29A
REF2920AIDBZR
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29B
REF2920AIDBZR.B
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29B
REF2920AIDBZT
Active
Production
SOT-23 (DBZ) | 3
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29B
REF2920AIDBZT.B
Active
Production
SOT-23 (DBZ) | 3
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29B
REF2925AIDBZR
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29C
REF2925AIDBZR.B
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29C
REF2925AIDBZT
Active
Production
SOT-23 (DBZ) | 3
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29C
REF2925AIDBZT.B
Active
Production
SOT-23 (DBZ) | 3
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29C
REF2930AIDBZR
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29D
REF2930AIDBZR.B
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29D
REF2930AIDBZT
Active
Production
SOT-23 (DBZ) | 3
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29D
REF2930AIDBZT.B
Active
Production
SOT-23 (DBZ) | 3
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29D
REF2933AIDBZR
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29E
REF2933AIDBZR.B
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29E
REF2933AIDBZT
Active
Production
SOT-23 (DBZ) | 3
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29E
REF2933AIDBZT.B
Active
Production
SOT-23 (DBZ) | 3
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29E
REF2940AIDBZR
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29F
REF2940AIDBZR.B
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29F
REF2940AIDBZT
Active
Production
SOT-23 (DBZ) | 3
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29F
REF2940AIDBZT.B
Active
Production
SOT-23 (DBZ) | 3
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
R29F
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com