Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2920 Datasheet(PDF) 11 Page - Texas Instruments

Part # REF2920
Description  REF29xx 100 ppm/°C, 50 μA in 3-Pin SOT-23 CMOS Voltage Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2920 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF2920 Datasheet HTML 7Page - Texas Instruments REF2920 Datasheet HTML 8Page - Texas Instruments REF2920 Datasheet HTML 9Page - Texas Instruments REF2920 Datasheet HTML 10Page - Texas Instruments REF2920 Datasheet HTML 11Page - Texas Instruments REF2920 Datasheet HTML 12Page - Texas Instruments REF2920 Datasheet HTML 13Page - Texas Instruments REF2920 Datasheet HTML 14Page - Texas Instruments REF2920 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
42.5
42.0
41.5
41.0
40.5
40.0
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN (V)
R1
Q
2
Q
1
+
Vbe
1
–
+
Vbe
2
–
Copyright © 2016, Texas Instruments Incorporated
11
REF2912, REF2920, REF2925
REF2930, REF2933, REF2940
www.ti.com
SBVS033C – JUNE 2002 – REVISED JUNE 2016
Product Folder Links: REF2912 REF2920 REF2925 REF2930 REF2933 REF2940
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The REF29xx is a series, CMOS, precision band-gap voltage reference. Its basic topology is shown in Functional
Block Diagram. The transistors Q1 and Q2 are biased such that the current density of Q1 is greater than that of
Q2. The difference of the two base-emitter voltages, Vbe1 – Vbe2, has a positive temperature coefficient and is
forced across resistor R1. This voltage is gained up and added to the base-emitter voltage of Q2, which has a
negative coefficient. The resulting output voltage is virtually independent of temperature. The curvature of the
band-gap voltage, as seen in Figure 3, is due to the slightly nonlinear temperature coefficient of the base-emitter
voltage of Q2.
8.2 Functional Block Diagram
Figure 24. Simplified Schematic of Band-Gap Reference
8.3 Feature Description
8.3.1 Supply Voltage
The REF29xx family of references features an extremely low dropout voltage. With the exception of the
REF2912, which has a minimum supply requirement of 1.8 V, the REF29xx can be operated with a supply of
only 1 mV above the output voltage in an unloaded condition. For loaded conditions, see Dropout Voltage vs
Load Current.
The REF29xx features a low quiescent current, which is extremely stable over changes in both temperature and
supply. The typical room temperature quiescent current is 42 µA, and the maximum quiescent current over
temperature is just 59 µA. Additionally, the quiescent current typically changes less than 2.5 µA over the entire
supply range, as shown in Figure 25.
Figure 25. Supply Current vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com