Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2920 Datasheet(PDF) 13 Page - Texas Instruments

Part # REF2920
Description  REF29xx 100 ppm/°C, 50 μA in 3-Pin SOT-23 CMOS Voltage Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2920 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF2920 Datasheet HTML 9Page - Texas Instruments REF2920 Datasheet HTML 10Page - Texas Instruments REF2920 Datasheet HTML 11Page - Texas Instruments REF2920 Datasheet HTML 12Page - Texas Instruments REF2920 Datasheet HTML 13Page - Texas Instruments REF2920 Datasheet HTML 14Page - Texas Instruments REF2920 Datasheet HTML 15Page - Texas Instruments REF2920 Datasheet HTML 16Page - Texas Instruments REF2920 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
OPA703
REF2925
+5 V
–5 V
+5 V
10 kΩ
10 kΩ
+2.5V
–2.5 V
Copyright © 2016, Texas Instruments Incorporated
Output Pin
Meter
VOUT
+
–
Sense Line
Force Line
Load
IL
Contact and
Trace Resistance
Copyright © 2016, Texas Instruments Incorporated
13
REF2912, REF2920, REF2925
REF2930, REF2933, REF2940
www.ti.com
SBVS033C – JUNE 2002 – REVISED JUNE 2016
Product Folder Links: REF2912 REF2920 REF2925 REF2930 REF2933 REF2940
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 26. Accurate Load Regulation of REF29xx
8.4 Device Functional Modes
8.4.1 Negative Reference Voltage
For applications requiring a negative and positive reference voltage, the OPA703 and REF29xx can be used to
provide a dual-supply reference from a ±5-V supply. Figure 27 shows the REF2925 used to provide a ±2.5-V
supply reference voltage. The low offset voltage and low drift of the OPA703 complement the low drift
performance of the REF29xx to provide an accurate solution for split-supply applications.
Figure 27. REF2925 Combined With OPA703 to Create Positive and Negative Reference Voltages
8.4.2 Data Acquisition
Often data acquisition systems require stable voltage references to maintain necessary accuracy. The REF29xx
family features stability and a wide range of voltages suitable for most micro-controllers and data converters. See
Figure 28 for a basic data acquisition system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com