Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 40Page - STMicroelectronics L99ASC03 Datasheet HTML 41Page - STMicroelectronics L99ASC03 Datasheet HTML 42Page - STMicroelectronics L99ASC03 Datasheet HTML 43Page - STMicroelectronics L99ASC03 Datasheet HTML 44Page - STMicroelectronics L99ASC03 Datasheet HTML 45Page - STMicroelectronics L99ASC03 Datasheet HTML 46Page - STMicroelectronics L99ASC03 Datasheet HTML 47Page - STMicroelectronics L99ASC03 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
Electrical specifications
L99ASC03
44/73
DocID023504 Rev 7
Table 29. SPI timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
fSCK
Serial clock frequency
4.5
MHz
tCSNQV
CSN falling until SDO
valid
Cout = 50 pF
100
ns
tCSNQT
CSN rising until SDO
tristate
Cout = 50 pF
150
ns
tSCKQV
SCK falling until SDO
valid
Cout =50 pF
90
ns
tSCSN
CSN setup time before
SCK rising
100
ns
tSSDI
SDI setup time before
SCK rising
40
ns
tHSDI
SDI hold time after SCK
rising
40
ns
tHSCK
Minimum SCK high time
105
ns
tLSCK
Minimum SCK low time
105
ns
tHCSN
Minimum CSN high time
4
µs
tSSCK
SCK setup time before
CSN rising
100
ns
tr SDO
SDO rise time
(20% /80%)
COUT =50pF; ILOAD = -1 mA
50
100
ns
tf SDO
SDO fall time
(20% /80%)
COUT =50pF; ILOAD = 1 mA
50
100
ns
tCSNTimeout CSN low timeout
65
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com