Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 30Page - STMicroelectronics L99ASC03 Datasheet HTML 31Page - STMicroelectronics L99ASC03 Datasheet HTML 32Page - STMicroelectronics L99ASC03 Datasheet HTML 33Page - STMicroelectronics L99ASC03 Datasheet HTML 34Page - STMicroelectronics L99ASC03 Datasheet HTML 35Page - STMicroelectronics L99ASC03 Datasheet HTML 36Page - STMicroelectronics L99ASC03 Datasheet HTML 37Page - STMicroelectronics L99ASC03 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
Electrical specifications
L99ASC03
34/73
DocID023504 Rev 7
ISMS
VSMS DC input current
VS =VSREG =VSMS =12 V;
active mode; SLx vs. GND
2mA
ISMSQ
VSMS quiescent input current
VS =VSREG =VSMS =12 V;
INH = 0; TTest = -40°C to 25°C;
open outputs
10
µA
Table 12. Supply and supply monitoring (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 13. Power-on RESET (VSREG)
(1)
1.
All outputs open
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VPORSREG,rising Threshold (VSREG increasing)
4.5
V
VPORSREG,falling Threshold (VSREG decreasing)
3
4
V
VPORSREG,hyst
Hysteresis
0.3
V
Table 14. Voltage regulator VDD
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD
Output voltage
5.0
V
VDD
Output voltage tolerance,
active mode
ILOAD = 0 mA to 200 mA;
6V <VS <18V;
-40 °C < Tj <25°C
-2
2
%
VDD
Output voltage tolerance,
active mode
ILOAD = 0 mA to 200 mA; full
temperature range
-3.5
3.5
%
tSST
(1)
Startup settling time from VDD
standby to Active mode (no
NRES)
20 µA to 50 mA;
VDD ±2%; CEXT =47µF;
dI/dt = 50 mA/µs
250
µs
20 µA to 100 mA;
VDD ± 2.5%; CEXT =47 µF;
dI/dt = 100 mA/µs
130
µs
VDP
Drop-out Voltage
ILOAD = 50 mA; VSREG = 4.5 V
0.2
0.4
V
ILOAD =100 mA; VSREG =4.5 V
0.3
0.5
V
IDD
Output current in active mode
Max. continuous load current
200
mA
IDDinrush
(1)
Inrush current capability
VSREG > 6 V; VDD >VRT2;
CEXT ≥ 4.7 µF
200
mA
IDDpeak
Peak output current
VSREG >6 V; VDD >VRT2
300
mA
IDDshort
Short circuit output current
Current limitation
300
600
950
mA
tTSD
VDD deactivation time after
thermal shutdown
0.8
1.0
1.5
s
ICMPRISE
Current comparator rising
threshold
Rising current
3.6
4.6
mA
ICMPFALL
Current comparator falling
threshold
Falling current
2.0
3.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com