Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 37Page - STMicroelectronics L99ASC03 Datasheet HTML 38Page - STMicroelectronics L99ASC03 Datasheet HTML 39Page - STMicroelectronics L99ASC03 Datasheet HTML 40Page - STMicroelectronics L99ASC03 Datasheet HTML 41Page - STMicroelectronics L99ASC03 Datasheet HTML 42Page - STMicroelectronics L99ASC03 Datasheet HTML 43Page - STMicroelectronics L99ASC03 Datasheet HTML 44Page - STMicroelectronics L99ASC03 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
DocID023504 Rev 7
41/73
L99ASC03
Electrical specifications
72
Table 20. VS, VSREG, VSMS and Tj monitoring (AOUT)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSxOUT
VSxOUT voltage ratio
AOUT sinking/ sourcing 2 mA
0.106
0.125
0.144
VTROOM
TSENSE output voltage (5 * VBE)
VS =12 V, Tj = 25°C
—
3.7
—
V
ΔV/ΔTj
Temperature coefficient
Tj = -40°C to 130°C
—
-7.85
—
mV/°C
Table 21. Current-sense amplifier
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
CSA DC parameters
A20
DC gain
GCSA = 00
18.4
19.6
20.4
A30
DC gain
GCSA = 01
29.4
30
30.6
A70
(1)
DC gain
GCSA = 10
67.9
70
72.1
A100
(1)
DC gain
GCSA = 11
97.5
100
102.5
ΔAX/ΔTj Gain temperature drift
100
ppm/°C
VIO
Input offset voltage
-200 mV < CSI- < 1 V
-3.5
3
mV
VICM
Common-mode input voltage range
-1
1
V
VCSOH
Output high level
IL =-1 mA
VDD - 0.2
V
VCSOL
Output low level
IL =1 mA
0.2
V
VCS-IL=0 Output level at ILOAD = 0
CSI+ = CSI-; ICSO =0
VDD /2
ICSO
Current output capability
2
mA
CSA dynamic parameters
SR
Slew rate VCSO 10% to 90%
RL =10 kΩ; CL = 100 pF
2
V/µs
tset
Recovery time VCSO =95%
RL =10 kΩ; CL = 100 pF;
Vdiff: 1 V step to 100 mV;
Gain = 20
3µs
CMRR(1)
Input common mode rejection ratio
20 * log ((VICM / ΔVCSO)*AX)
VICM =0.7 * sin (2*π*0.1 MHz
)
60
dB
1.
Guaranteed by design.
Table 22. Overcurrent detection
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VoOCMIN
Minimum output overcurrent
threshold voltage(1)
1.
Positive threshold referred to VDD/2.
OCTH = 00001
140
mV
VoOCMAX
Maximum output overcurrent
threshold voltage(1)
OCTH = 11111
2.35
V
tfOC
Overcurrent filter time
4
6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com