Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 28Page - STMicroelectronics L99ASC03 Datasheet HTML 29Page - STMicroelectronics L99ASC03 Datasheet HTML 30Page - STMicroelectronics L99ASC03 Datasheet HTML 31Page - STMicroelectronics L99ASC03 Datasheet HTML 32Page - STMicroelectronics L99ASC03 Datasheet HTML 33Page - STMicroelectronics L99ASC03 Datasheet HTML 34Page - STMicroelectronics L99ASC03 Datasheet HTML 35Page - STMicroelectronics L99ASC03 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
Electrical specifications
L99ASC03
32/73
DocID023504 Rev 7
3.3
ESD protection
Note:
HBM according to MIL 883C, Method 3015.7 or EIA/JESD22-A114-D
HBM with all unzapped pins grounded
3.4
Thermal data
VSMS
Sensed motor supply voltage
6 to 28
V
VCSIP, VCSIN
Current sense amplifier input voltage range
-1 to 1
V
VSDI, VSCK, VCSN SPI logic input voltage range
0 to VDD
V
VTXD, VDIS, VINH Logic input voltage range
0 to VDD
V
Table 8. Operating range (continued)
Symbol
Parameter
Value
Unit
Table 9. ESD protection
Parameter
Value
Unit
HBM all pins
±2
kV
CDM all pins
±500
V
CDM corner pins
±750
V
MM
±200
V
Table 10. Operation junction temperature
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Tstg
Storage temperature
-55
150
°C
Tj
Operating junction temperature
-40
150
°C
TJ_Peak
Dynamic junction temperature
100hrs over lifetime(1)
1.
According to the mission profile.
160
°C
Rth j-amb
Thermal resistance to ambient(2)
2.
IC soldered on 2s2p PCB thermally enhanced.
33
°C/W
Rth j-case
Thermal resistance to case
12
°C/W
Table 11. Temperature warning and thermal shutdown
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
TW1
Temp. warning threshold 1
TEMPM = X
120
135
150
°C
TW2
Temp. warning threshold 2
TEMPM = 1
140
155
170
°C
TSD1
Thermal shutdown threshold 1
TEMPM = 0
°C
TSD2
Thermal shutdown threshold 2
TEMPM = X
160
175
190
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com