Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 8Page - STMicroelectronics L99ASC03 Datasheet HTML 9Page - STMicroelectronics L99ASC03 Datasheet HTML 10Page - STMicroelectronics L99ASC03 Datasheet HTML 11Page - STMicroelectronics L99ASC03 Datasheet HTML 12Page - STMicroelectronics L99ASC03 Datasheet HTML 13Page - STMicroelectronics L99ASC03 Datasheet HTML 14Page - STMicroelectronics L99ASC03 Datasheet HTML 15Page - STMicroelectronics L99ASC03 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
Device description
L99ASC03
12/73
DocID023504 Rev 7
2.4
Watchdog
A window watchdog is integrated in the device. The watchdog supervises the operation of
the external microcontroller in Active Mode and, if the ICMP bit is set to ‘0’ and IVDD > ICMP,
also in VDD Standby Mode.
When the device powers up and the NRES pin is released, the watchdog is started with a
long open window (typ. 65 ms). The microcontroller has to write the WDTRIG bit to ‘1’ within
this time in order to terminate the long open window and start the window watchdog. After
that, the watchdog has to be serviced properly by alternating the logic value written to the
WDTRIG bit within the watchdog open window. A correct watchdog trigger immediately
starts the next cycle.
After eight consecutive watchdog failures, the VDD regulator is turned off for a time equal to
tVDDoff (typ. 200 ms). In case seven additional and consecutive watchdog failures occur, the
VDD regulator is completely turned off and the device enters VBAT Standby Mode.
A watchdog failure causes a reset pulse at the NRES pin and the deactivation of the gate
drivers (fail-safe condition, for further details see Table 5).
When the device is in Flash Mode, the watchdog is disabled. Besides even in VDD Standby
Mode with ICMP = 1 the WDG is always disabled. If the WDDIS bit is set to ‘1’ in Flash Mode
and then a transition to Active Mode occurs, the watchdog remains disabled in Active Mode
until the next POR.
After a WDG failure event, after a VDD_UV event or after a wake event from VBAT Standby
Mode the watchdog starts again in LOW mode. Once properly toggled the WDGTRIG bit,
writing the same WDGTRIG bit value anywhere within the WDG window does not generate
any WDG failure event.
Figure 4. Watchdog in normal operation mode (part 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com