Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 29Page - STMicroelectronics L99ASC03 Datasheet HTML 30Page - STMicroelectronics L99ASC03 Datasheet HTML 31Page - STMicroelectronics L99ASC03 Datasheet HTML 32Page - STMicroelectronics L99ASC03 Datasheet HTML 33Page - STMicroelectronics L99ASC03 Datasheet HTML 34Page - STMicroelectronics L99ASC03 Datasheet HTML 35Page - STMicroelectronics L99ASC03 Datasheet HTML 36Page - STMicroelectronics L99ASC03 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
DocID023504 Rev 7
33/73
L99ASC03
Electrical specifications
72
3.5
Electrical characteristics
Voltages are referred to ground and currents are assumed positive, when the current flows
into the pin. The device is operated in the specified operating range, unless otherwise
specified.
TSDH
Thermal shutdown hysteresis
5
°C
tTW/TSD
Thermal filter time
16
µs
Table 11. Temperature warning and thermal shutdown
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 12. Supply and supply monitoring
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSOVW,
VSREGOVW,
VSMSOVW
Overvoltage warning threshold
18
20
22
V
VSOV,
VSREGOV,
VSMSOV
Overvoltage threshold
28.1
30
32
V
VSOVH,
VSREGOVH,
VSMSOVH
Overvoltage hysteresis
2
V
VSUV,
VSREGUV,
VSMSUV
Under-voltage threshold
VS, VSREG, VSMS decreasing
5.2
5.5
5.7
V
VSUVH,
VSREGUVH,
VSMSUVH
Undervoltage hysteresis
0.4
V
tfVS, tfVREG,
tfVSMS
Overvoltage and undervoltage
filter time
30
80
µs
IS
Current consumption
VS =VSREG =VSMS =12 V;
active mode; open outputs
510
mA
ISREG
Current consumption
VS =VSREG =VSMS =12 V;
active mode; open outputs
15
25
mA
ISREGQ + ISQ
VS quiescent supply current
VS =VSREG =VSMS =12 V;
VBAT standby (no wakeup);
TTest = -40°C to 25°C; open outputs
20
µA
VS =VSREG =VSMS =12 V;
VDD standby;
SCK = INH = SDI = ILx = 0;
CSN = DIS = IHx =1;
TTest = -40°C to 25°C; open outputs
60
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com