Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS44002AI01 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS44002AI01
Description  FEMTOCLOCKS CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS44002AI01 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS44002AI01 Datasheet HTML 1Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 2Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 3Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 4Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 5Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 6Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 7Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 8Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ICS844002I-01
FEMTOCLOCKS™ CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVDS FREQUENCY SYNTHESIZER
2
ICS844002AGI-01 REV. C SEPTEMBER 28, 2007
Table 1. Pin Descriptions
NOTE: Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 7
nc
Unused
No connect.
2, 20
VDDO
Power
Output supply pins.
3, 4
Q0, Q0
Output
Differential output pair. LVDS interface levels.
5
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs Qx to go low and the inverted outputs Qx to go high.
When logic LOW, the internal dividers and the outputs are enabled.
LVCMOS/LVTTL interface levels.
6
PLL_SEL
Input
Pulldown
Selects between the PLL and REF_CLK as input to the dividers. When LOW,
selects PLL (PLL Enable). When HIGH, deselects the reference clock (PLL
Bypass). LVCMOS/LVTTL interface levels.
8VDDA
Power
Analog supply pin.
9,
11
FSEL0,
F_SEL1
Input
Pulldown
Frequency select pins. LVCMOS/LVTTL interface levels.
10
VDD
Power
Core supply pins.
12,
13
XTAL_OUT,
XTAL_IN
Input
Parallel resonant crystal interface. XTAL_OUT is the output,
XTAL_IN is the input.
14
REF_CLK
Input
Pulldown
Non-inverting differential clock input.
15
XTAL_SEL
Input
Pulldown
Selects between crystal or REF_CLK inputs as the PLL Reference source.
Selects XTAL inputs when LOW. Selects REF_CLK when HIGH.
LVCMOS/LVTTL interface levels.
16
nc
Unused
No connect.
17
GND
Power
Power supply ground.
18, 19
Q1, Q1
Output
Differential output pair. LVDS interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLDOWN Input Pulldown Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com