Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS44002AI01 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS44002AI01
Description  FEMTOCLOCKS CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS44002AI01 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS44002AI01 Datasheet HTML 2Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 3Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 4Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 5Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 6Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 7Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 8Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 9Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ICS844002I-01
FEMTOCLOCKS™ CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVDS FREQUENCY SYNTHESIZER
6
ICS844002AGI-01 REV. C SEPTEMBER 28, 2007
Parameter Measurement Information
3.3V Output Load AC Test Circuit
Output Skew
Output Duty Cycle/Pulse Width/Period
2.5V Output Load AC Test Circuit
Output Rise/Fall Time
Offset Voltage Setup
VDD,
VDDO
VDDA
SCOPE
Qx
nQx
3.3V±5%
POWER SUPPLY
+–
Float GND
LVDS
Qx
Qx
Qy
Qy
tsk(o)
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
Q0, Q1
Q0, Q1
VDD,
VDDO
VDDA
SCOPE
Qx
nQx
2.5V±5%
POWER SUPPLY
+–
Float GND
LVDS
Clock
Outputs
20%
80%
80%
20%
tR
t F
VOD
out
out
LVDS
DC Input
VOS/∆ VOS
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com