Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS44002AI01 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS44002AI01
Description  FEMTOCLOCKS CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS44002AI01 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS44002AI01 Datasheet HTML 6Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 7Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 8Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 9Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 10Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 11Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 12Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 13Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ICS844002I-01
FEMTOCLOCKS™ CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVDS FREQUENCY SYNTHESIZER
13
ICS844002AGI-01 REV. C SEPTEMBER 28, 2007
Revision History Sheet
Rev
Table
Page
Description of Change
Date
C
T1
T3B
1
2
3
7
10
Pin Assignment - correct pin 16 from VDD to nc.
Pin Description Table - deleted pin 16 from VDD row. Added Pin 16 row, “nc”.
LVCMOS DC Characteristics Table - corrected IIL from -150µA min. to -5µA min.
Parameter Measurement Information - corrected Output Rise/Fall Time diagram.
Power Considerations - updated calculations.
9/28/07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com