Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS44002AI01 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS44002AI01
Description  FEMTOCLOCKS CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS44002AI01 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS44002AI01 Datasheet HTML 6Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 7Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 8Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 9Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 10Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 11Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 12Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 13Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ICS844002I-01
FEMTOCLOCKS™ CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVDS FREQUENCY SYNTHESIZER
10
ICS844002AGI-01 REV. C SEPTEMBER 28, 2007
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS844002I-01.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS44002I-01 is the sum of the core power plus the analog power plus the power dissipated in the
load(s). The following is the power dissipation for VDD = 2.5V + 5% = 2.625V, which gives worst case results.
•
Power (core)MAX = VDD_MAX * (IDD_MAX + IDDA_MAX) = 2.625V * (98mA + 12mA) = 288.75mW
•
Power (outputs)MAX = VDDO_MAX * IDDO_MAX = 2.625V * 98mA = 257.25mW
Total Power_MAX = 288.75mW + 257.25mW = 546mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device.
The maximum recommended junction temperature for HiPerClockS devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming a moderate
air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 66.6°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.546W * 66.6°C/W = 121.4°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type
of board (single layer or multi-layer).
Table 6. Thermal Resistance θJA for 20 Lead TSSOP, Forced Convection
θ
JA by Velocity
Linear Feet per Minute
0200
500
Single-Layer PCB, JEDEC Standard Test Boards
114.5°C/W
98.0°C/W
88.0°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
73.2°C/W
66.6°C/W
63.5°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com