Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS44002AI01 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS44002AI01
Description  FEMTOCLOCKS CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS44002AI01 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS44002AI01 Datasheet HTML 1Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 2Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 3Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 4Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 5Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 6Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 7Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 8Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ICS844002I-01
FEMTOCLOCKS™ CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVDS FREQUENCY SYNTHESIZER
4
ICS844002AGI-01 REV. C SEPTEMBER 28, 2007
Table 3C. LVDS DC Characteristics, VDD = VDDA = VDDO = 2.5V ± 5%, TA = -40°C to 85°C
Table 4. Crystal Characteristics
AC Electrical Characteristics
Table 5. AC Characteristics, VDD = VDDA = VDDO = 2.5V ± 5%, TA = -40°C to 85°C
NOTE 1: Defined as skew between outputs at the same supply voltages and with equal load conditions. Measured at VDDO/2.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Please refer to the Phase Noise Plot.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
240
550
mV
∆V
OD
VOD Magnitude Change
40
mV
VOS
Offset Voltage
0.7
1.1
1.5
V
∆V
OS
VOS Magnitude Change
50
mV
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
22.4
25
27.2
MHz
Equivalent Series Resistance (ESR)
50
Ω
Shunt Capacitance
7pF
Drive Level
1mW
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
FSEL[1:0] = 00
140
170
MHz
FSEL[1:0] = 01
112
136
MHz
FSEL[1:0] = 10
56
68
MHz
tsk(o)
Output Skew; NOTE 1, 2
5
20
ps
tjit(Ø)
RMS Phase Jitter, (Random);
NOTE 3
156.25MHz, (1.875MHz – 20MHz)
0.41
ps
125MHz, (1.875MHz – 20MHz)
0.44
ps
62.5MHz, (1.875MHz – 20MHz)
0.47
ps
tR / tF
Output Rise/Fall Time
20% to 80%
250
550
ps
odc
Output Duty Cycle
48
52
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com