Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS44002AI01 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS44002AI01
Description  FEMTOCLOCKS CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS44002AI01 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS44002AI01 Datasheet HTML 6Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 7Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 8Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 9Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 10Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 11Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 12Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 13Page - Integrated Device Technology ICS44002AI01 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ICS844002I-01
FEMTOCLOCKS™ CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVDS FREQUENCY SYNTHESIZER
12
ICS844002AGI-01 REV. C SEPTEMBER 28, 2007
Ordering Information
Table 9. Ordering Information
NOTE: Parts that are ordered with an "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
844002AGI-01
ICS44002AI01
20 Lead TSSOP
Tube
-40
°C to 85°C
844002AGI-01T
ICS44002AI01
20 Lead TSSOP
2500 Tape & Reel
-40
°C to 85°C
844002AGI-01LF
ICS4002AI01L
“Lead-Free” 20 Lead TSSOP
Tube
-40
°C to 85°C
844002AGI-01LFT
ICS4002AI01L
“Lead-Free” 20 Lead TSSOP
2500 Tape & Reel
-40
°C to 85°C
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for
the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial and industrial applications. Any other applications, such as those requiring high reliability or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT
product for use in life support devices or critical medical instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com